Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTC1F-R39J Datasheet(PDF) 1 Page - Central Technologies

Part # CTC1F-R39J
Description  Conformal Coated Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTC1F-R39J Datasheet(HTML) 1 Page - Central Technologies

  CTC1F-R39J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Conformal Coated Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.12.05
Size
A
B
C
24 AWG
Max.
Nom.
Nom.
mm
6.22
2.3 ± 0.25
26.7
0.5110
inches
0.245
0.09 ± 0.01
1.05
0.02010
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTC1F-R10_
J = ±5%, K = ±10%, M = ±20%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTC1F-R10_
.10
25
40
25
680
.08
1380
CTC1F-R12_
.12
25
40
25
640
.09
1300
CTC1F-R15_
.15
25
38
25
600
.10
1230
CTC1F-R18_
.18
25
38
25
550
.12
1120
CTC1F-R22_
.22
25
33
25
510
.14
1040
CTC1F-R27_
.27
25
33
25
430
.16
975
CTC1F-R33_
.33
25
30
25
410
.22
830
CTC1F-R39_
.39
25
30
25
365
.30
710
CTC1F-R47_
.47
25
30
25
330
.35
660
CTC1F-R56_
.56
25
30
25
300
.50
550
CTC1F-R68_
.68
25
28
25
275
.60
500
CTC1F-R82_
.82
25
28
25
250
.85
420
CTC1F-1R0_
1.0
25
25
25
230
1.0
390
CTC1F-1R2_
1.2
7.9
25
7.9
150
.18
620
CTC1F-1R5_
1.5
7.9
28
7.9
140
.22
560
CTC1F-1R8_
1.8
7.9
30
7.9
125
.30
480
CTC1F-2R2_
2.2
7.9
30
7.9
115
.40
415
CTC1F-2R7_
2.7
7.9
37
7.9
100
.55
355
CTC1F-3R3_
3.3
7.9
45
7.9
90
.90
285
CTC1F-3R9_
3.9
7.9
45
7.9
80
1.0
263
CTC1F-4R7_
4.7
7.9
45
7.9
75
1.2
239
CTC1F-5R6_
5.6
7.9
50
7.9
65
1.8
195
CTC1F-6R8_
6.8
7.9
50
7.9
60
2.0
185
CTC1F-8R2_
8.2
7.9
55
7.9
55
2.7
160
CTC1F-100_
10
7.9
55
7.9
50
3.3
144
CTC1F-120_
12
2.5
45
2.5
40
2.7
144
CTC1F-150_
15
2.5
45
2.5
35
2.8
144
CTC1F-180_
18
2.5
50
2.5
30
3.1
144
CTC1F-220_
22
2.5
50
2.5
25
3.3
144
CTC1F-270_
27
2.5
50
2.5
20
3.5
140
CTC1F-330_
33
2.5
45
2.5
24
3.4
130
CTC1F-390_
39
2.5
45
2.5
22
3.6
125
CTC1F-470_
47
2.5
45
2.5
20
4.5
110
CTC1F-560_
56
2.5
45
2.5
18
5.7
100
CTC1F-680_
68
2.5
50
2.5
15
6.7
92
CTC1F-820_
82
2.5
50
2.5
14
7.3
88
CTC1F-101_
100
2.5
50
2.5
13
8.0
84
CTC1F-121_
120
.79
30
.79
12
13
68
CTC1F-151_
150
.79
30
.79
11
15
61
CTC1F-181_
180
.79
30
.79
10
17
57
CTC1F-221_
220
.79
30
.79
9.0
21
52
CTC1F-271_
270
.79
30
.79
8.0
25
47
CTC1F-331_
330
.79
30
.79
7.0
28
45
CTC1F-391_
390
.79
30
.79
6.5
35
40
CTC1F-471_
470
.79
30
.79
6.0
42
38
CTC1F-561_
560
.79
30
.79
5.0
46
35
CTC1F-681_
680
.79
30
.79
4.2
60
30
CTC1F-821_
820
.79
30
.79
3.8
65
28
CTC1F-102_
1000
.79
30
.79
3.4
72
28
CTC1F Series
From .10 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded conformal coated inductor
Applications: Used in less harsh environments. Ideal for less
critical RFL/EMI applications
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±5%, ±10%, ±20%
Material: Epoxy resin over coil. Magnetic core (ferrite or iron)
except for values .10 µH to 1.0 µH (phenolic)
Packaging: Bulk pack, 1,000 parts per bag,
Tape & Reel, 5,000 parts per reel
Marking: Parts are EIA color banded which indicates inductance
value and tolerance
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTC1F-R39J

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
logo
ITT Industries
CTC ITT-CTC Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
CTC 16 WAY PLUG BLACK ITT-CTC 16 WAY PLUG BLACK Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
logo
Infinite Electronics In...
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
More results

Similar Description - CTC1F-R39J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Aug-06
logo
Central Technologies
CTC0F CT-CTC0F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC2F CT-CTC2F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC3F CT-CTC3F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC4F CT-CTC4F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC5F CT-CTC5F Datasheet
213Kb / 1P
Conformal Coated Inductors - Axial
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com