Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL0605 Datasheet(PDF) 5 Page - Superworld Electronics

Part # SSL0605
Description  HIGH CURRENT POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL0605 Datasheet(HTML) 5 Page - Superworld Electronics

  SSL0605 Datasheet HTML 1Page - Superworld Electronics SSL0605 Datasheet HTML 2Page - Superworld Electronics SSL0605 Datasheet HTML 3Page - Superworld Electronics SSL0605 Datasheet HTML 4Page - Superworld Electronics SSL0605 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SSL0605 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
05.05.2008
HIGH CURRENT POWER INDUCTORS
Inner Box
Carton
3600
7200
Chip / Reel
Size
900
SSL0605
9. PACKAGING INFORMATION :
A
C(mm)
13.5±0.5
9-3 Packaging Quantity
A(mm)
16.0±0.5
Type
13" x 16mm
B(mm)
75±2
D(mm)
330
EMBOSSED CARRIER
2.0±0.5
9-1. Reel Dimension
COVER TAPE
t(mm)
0.35±0.05
2.0±0.1
Ø1.5+0.1
4.0±0.1
P
0.15 MIN
Series
SSL0605
7.2±0.1
Ao(mm)
7.2±0.1
Bo(mm)
Ao
16.0±0.3
W(mm)
12.0±0.1
P(mm)
5.4±0.1
Ko(mm)
9-2 Tape Dimension
t
Ko



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com