Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1005-R15MF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SSL1005-R15MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL1005-R15MF Datasheet(HTML) 4 Page - Superworld Electronics

  SSL1005-R15MF Datasheet HTML 1Page - Superworld Electronics SSL1005-R15MF Datasheet HTML 2Page - Superworld Electronics SSL1005-R15MF Datasheet HTML 3Page - Superworld Electronics SSL1005-R15MF Datasheet HTML 4Page - Superworld Electronics SSL1005-R15MF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SSL1005 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
05.05.2008
HIGH CURRENT POWER INDUCTORS
b) 280°C tip temperature (max)
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
30~60s
Figure 1. Re-flow Soldering
f) Limit soldering time to 3 secs.
d) 1.0mm tip diameter (max)
10s max.
Preheating
60~120s
c) Never contact the ceramic with the iron tip
180
150
250~260
230
Natural
Soldering
cooling
Over 1min.
Figure 2. Iron Soldering
Within 3secs.
Gradual
Cooling
Natural
Preheating Soldering
150
280
260
cooling
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
Recommended temperature profiles for re-flow soldering in Figure 1.
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
a soldering iron must be employed the following precautions are recommended.
8-2.1 Solder Re-flow :
air soldering tools.
a) Preheat circuit and products to 150°C.
8-2.2 Soldering Iron (Figure 2) :
Note :
8-1. Recommended PC Board Pattern ( Unit : mm )
5.5
8. SOLDERIND AND MOUNTING :
8-2. Soldering
10.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com