Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTC0F-R47J Datasheet(PDF) 1 Page - Central Technologies

Part # CTC0F-R47J
Description  Conformal Coated Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTC0F-R47J Datasheet(HTML) 1 Page - Central Technologies

  CTC0F-R47J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Conformal Coated Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.12.05
Size
A
B
C
24 AWG
mm
3.4
2.2 ± 0.2
26.6
0.5110
inches
0.135
0.09 ± 0.01
1.05
0.2010
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTC0F-R22_
J = ±5%, K = ±10%, M = ±20%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTC0F-R22_
.22
25.2
42
25.2
150
.40
400
CTC0F-R27_
.27
25.2
42
25.2
150
.43
380
CTC0F-R33_
.33
25.2
42
25.2
150
.48
370
CTC0F-R39_
.39
25.2
42
25.2
150
.51
350
CTC0F-R47_
.47
25.2
42
25.2
150
.56
330
CTC0F-R56_
.56
25.2
42
25.2
150
.61
320
CTC0F-R68_
.68
25.2
50
25.2
150
.67
310
CTC0F-R82_
.82
25.2
50
25.2
150
.71
290
CTC0F-1R0_
1.0
25.2
50
25.2
150
.80
270
CTC0F-1R2_
1.2
7.96
50
7.96
110
.90
260
CTC0F-1R5_
1.5
7.96
50
7.96
80
1.00
250
CTC0F-1R8_
1.8
7.96
50
7.96
80
1.10
240
CTC0F-2R2_
2.2
7.96
50
7.96
45
1.20
230
CTC0F-2R7_
2.7
7.96
50
7.96
40
1.30
220
CTC0F-3R3_
3.3
7.96
55
7.96
38
1.40
210
CTC0F-3R9_
3.9
7.96
55
7.96
35
1.60
200
CTC0F-4R7_
4.7
7.96
55
7.96
32
1.70
190
CTC0F-5R6_
5.6
7.96
55
7.96
30
1.90
180
CTC0F-6R8_
6.8
7.96
55
7.96
28
2.00
175
CTC0F-8R2_
8.2
7.96
55
7.96
26
2.20
165
CTC0F-100_
10
7.96
55
7.96
24
2.50
160
CTC0F-120_
12
2.52
55
2.52
22
2.50
150
CTC0F-150_
15
2.52
55
2.52
20
2.80
145
CTC0F-180_
18
2.52.
55
2.52
18
3.10
140
CTC0F-220_
22
2.52
55
2.52
17
3.40
130
CTC0F-270_
27
2.52
55
2.52
16
4.30
80
CTC0F-330_
33
2.52
55
2.52
14
4.70
76
CTC0F-390_
39
2.52
55
2.52
13
5.20
74
CTC0F-470_
47
2.52
55
2.52
12
5.80
70
CTC0F-560_
56
2.52
55
2.52
11
6.40
68
CTC0F-680_
68
2.52
55
2.52
10
7.20
64
CTC0F-820_
82
2.52
55
2.52
9.5
11.0
46
CTC0F-101_
100
.796
55
.796
9.0
12.0
44
CTC0F-121_
120
.796
55
.796
8.0
13.0
43
CTC0F-151_
150
.796
55
.796
6.0
16.0
40
CTC0F-181_
180
.796
55
.796
5.5
18.0
38
CTC0F-221_
220
.796
55
.796
5.0
20.0
35
CTC0F Series
From .22 µH to 220 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded conformal coated inductor
Applications: Used in less harsh environments. Ideal for less
critical RFL/EMI applications
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±5%, ±10%, ±20%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Bulk,1000 pieces per bag, Tape & Reel - 5000 pieces
per reel
Material: Magnetic core treated with epoxy resin for protection
and longer reliability
Marking: Parts are EIA three color banded indicating inductance
value and tolerance
Miscellaneous: RoHS Compliant. Other values available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTC0F-R47J

ManufacturerPart #DatasheetDescription
logo
Comus International
CTC012 COMUS-CTC012 Datasheet
96Kb / 1P
Proximity Switch - Reed Switch based - Rectangular - Normally Open Contacts
More results

Similar Description - CTC0F-R47J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Aug-06
logo
Central Technologies
CTC1F CT-CTC1F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC2F CT-CTC2F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC3F CT-CTC3F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC4F CT-CTC4F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC5F CT-CTC5F Datasheet
213Kb / 1P
Conformal Coated Inductors - Axial
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com