Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTC4F-R12J Datasheet(PDF) 1 Page - Central Technologies

Part # CTC4F-R12J
Description  Conformal Coated Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTC4F-R12J Datasheet(HTML) 1 Page - Central Technologies

  CTC4F-R12J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Conformal Coated Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.13.05
Size
A
B
C
22 AWG
Max.
Max.
Typ.
Nom.
mm
9.40
4.06
29.2
0.6430
inches
0.37
0.16
1.15
0.02535
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTC4F-R10_
J = ±5%, K = ±10%, M = ±20%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTC4F-R10_
.10
25.2
45
25.2
380
.08
1600
CTC4F-R12_
.12
25.2
45
25.2
360
.10
1550
CTC4F-R15_
.15
25.2
45
25.2
340
.10
1500
CTC4F-R18_
.18
25.2
45
25.2
320
.10
1480
CTC4F-R22_
.22
25.2
45
25.2
300
.10
1450
CTC4F-R27_
.27
25.2
45
25.2
270
.11
1400
CTC4F-R33_
.33
25.2
45
25.2
250
.12
1350
CTC4F-R39_
.39
25.2
45
25.2
230
.13
1300
CTC4F-R47_
.47
25.2
45
25.2
220
.14
1280
CTC4F-R56_
.56
25.2
45
25.2
210
.15
1240
CTC4F-R68_
.68
25.2
45
25.2
200
.16
1225
CTC4F-R82_
.82
25.2
45
25.2
190
.17
1210
CTC4F-1R0_
1.0
25.2
45
25.2
205
.16
1200
CTC4F-1R2_
1.2
7.96
50
7.96
185
.18
1150
CTC4F-1R5_
1.5
7.96
50
7.96
165
.20
1100
CTC4F-1R8_
1.8
7.96
55
7.96
155
.22
1030
CTC4F-2R2_
2.2
7.96
55
7.96
140
.25
1000
CTC4F-2R7_
2.7
7.96
60
7.96
125
.26
940
CTC4F-3R3_
3.3
7.96
60
7.96
115
.29
900
CTC4F-3R9_
3.9
7.96
60
7.96
105
.31
850
CTC4F-4R7_
4.7
7.96
60
7.96
95
.34
820
CTC4F-5R6_
5.6
7.96
60
7.96
85
.38
780
CTC4F-6R8_
6.8
7.96
65
7.96
75
.51
670
CTC4F-8R2_
8.2
7.96
65
7.96
50
.48
690
CTC4F-100_
10
7.96
65
7.96
35
.49
680
CTC4F-120_
12
2.52
50
2.52
30
.55
650
CTC4F-150_
15
2.52
50
2.52
20
.60
610
CTC4F-180_
18
2.52
50
2.52
17
.67
580
CTC4F-220_
22
2.52
50
2.52
13
.74
560
CTC4F-270_
27
2.52
55
2.52
10
.83
530
CTC4F-330_
33
2.52
55
2.52
9.0
.92
500
CTC4F-390_
39
2.52
55
2.52
8.0
1.0
470
CTC4F-470_
47
2.52
40
2.52
7.5
1.1
450
CTC4F-560_
56
2.52
40
2.52
7.0
1.2
430
CTC4F-680_
68
2.52
40
2.52
6.5
1.3
410
CTC4F-820_
82
2.52
35
2.52
6.0
1.5
290
CTC4F-101_
100
2.52
30
2.52
5.0
1.7
370
CTC4F-121_
120
.796
50
.796
4.5
2.4
300
CTC4F-151_
150
.796
50
.796
4.2
2.8
280
CTC4F-181_
180
.796
50
.796
3.9
3.0
270
CTC4F-221_
220
.796
50
.796
3.7
3.3
250
CTC4F-271_
270
.796
65
.796
2.8
5.7
200
CTC4F-331_
330
.796
65
.796
2.7
6.4
190
CTC4F-391_
390
.796
65
.796
2.4
7.0
180
CTC4F-471_
470
.796
55
.796
2.2
7.9
170
CTC4F-561_
560
.796
55
.796
2.0
8.8
160
CTC4F-681_
680
.796
55
.796
1.9
10.0
150
CTC4F-821_
820
.796
55
.796
1.6
12.0
140
CTC4F-102_
1000
.252
50
.252
1.6
14.0
130
CTC4F-122_
1200
.252
50
.252
1.3
16.9
115
CTC4F-152_
1500
.252
40
.252
1.25
21.6
100
CTC4F-182_
1800
.252
40
.252
1.2
24.0
95
CTC4F-222_
2200
.252
40
.252
1.1
34.7
80
CTC4F-272_
2700
.252
40
.252
1.0
40.0
75
CTC4F-332_
3300
.252
40
.252
.90
59.5
62
CTC4F-392_
3900
.252
40
.252
.80
66.0
59
CTC4F-472_
4700
.252
40
.252
.70
74.0
55
CTC4F-562_
5600
.252
30
.252
.55
70.0
40
CTC4F-682_
6800
.252
30
.252
.50
85.0
35
CTC4F-822_
8200
.252
30
.252
.40
95.0
30
CTC4F-103_
10000
.252
20
.252
.35
105
25
CTC4F Series
From .10 µH to 10,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded conformal coated inductor
Applications: Used in less harsh environments. Ideal for less
critical RFL/EMI applications.
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±5%, ±10%, ±20%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Bulk pack or Tape & Reel, 5,000 parts per reel
Marking: Parts are EIA color banded which indicates inductance
code and tolerance
Material: Magnetic core (ferrite or iron) except for values 0.10 µH
to 0.82 µH (phenolic) treated with epoxy resin for protection and
longer reliability
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTC4F-R12J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CTC4 VISHAY-CTC4 Datasheet
110Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
14-May-08
CTC4106X0010B2TE3 VISHAY-CTC4106X0010B2TE3 Datasheet
110Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
14-May-08
CTC4106X0010B2TE3 VISHAY-CTC4106X0010B2TE3 Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
CTC4106X0010B2WE3 VISHAY-CTC4106X0010B2WE3 Datasheet
110Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
14-May-08
CTC4106X0010B2WE3 VISHAY-CTC4106X0010B2WE3 Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
More results

Similar Description - CTC4F-R12J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Aug-06
logo
Central Technologies
CTC0F CT-CTC0F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC1F CT-CTC1F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC2F CT-CTC2F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC3F CT-CTC3F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC5F CT-CTC5F Datasheet
213Kb / 1P
Conformal Coated Inductors - Axial
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com