Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCBF-M Datasheet(PDF) 1 Page - Central Technologies

Part # CTCBF-M
Description  Chip Beads - Multi-layer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCBF-M Datasheet(HTML) 1 Page - Central Technologies

  CTCBF-M Datasheet HTML 1Page - Central Technologies CTCBF-M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Beads - Multi-layer
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.20.07
Test
DCR
Part
Impedance
Freq.
Max.
IDC
Number
(
Ω
Ω)
(MHz)
(
Ω
Ω)
(mA)
CTCB0603F-110M
11
100
.03
1000
CTCB0603F-190M
19
100
.05
1000
CTCB0603F-300M
30
100
.06
800
CTCB0603F-400M
40
100
.06
800
CTCB0603F-600M
60
100
.06
600
CTCB0603F-800M
80
100
.10
600
CTCB0603F-121M
120
100
.15
600
CTCB0603F-221M
220
100
.18
400
CTCB0603F-301M
300
100
.25
400
CTCB0603F-451M
450
100
0.3
400
CTCB0603F-601M
600
100
0.3
400
CTCB0603F-751M
750
100
.45
300
CTCB0603F-102M
1000
100
.45
300
CTCB0805F-070M
7
100
.06
1000
CTCB0805F-090M
9
100
.06
1000
CTCB0805F-110M
11
100
.06
1000
CTCB0805F-170M
17
100
.06
1000
CTCB0805F-320M
32
100
.06
1000
CTCB0805F-600M
60
100
.10
800
CTCB0805F-700M
70
100
.10
800
CTCB0805F-800M
80
100
.10
800
CTCB0805F-101M
100
100
.10
600
CTCB0805F-121M
120
100
.15
600
CTCB0805F-151M
150
100
.15
600
CTCB0805F-221M
220
100
.18
600
CTCB0805F-301M
300
100
.18
600
CTCB0805F-401M
400
100
.18
600
CTCB0805F-501M
500
100
.25
500
CTCB0805F-601M
600
100
.25
500
CTCB0805F-751M
750
100
.30
400
CTCB0805F-102M
1000
100
.30
400
CTCB0805F-152M
1500
100
.40
300
CTCB0805F-202M
2000
100
.55
200
CTCB1206F-190M
19
100
.03
1000
CTCB1206F-260M
26
100
.03
1000
CTCB1206F-320M
32
100
.03
1000
CTCB1206F-500M
50
100
.06
800
CTCB1206F-600M
60
100
.06
800
CTCB1206F-700M
70
100
.06
800
CTCB1206F-900M
90
100
.10
800
CTCB1206F-121M
120
100
.10
800
CTCB1206F-151M
150
100
.10
800
CTCB1206F-201M
200
100
.15
600
CTCB1206F-401M
400
100
.15
600
CTCB1206F-501M
500
100
.15
600
CTCB1206F-601M
600
100
.20
500
CTCB1206F-102M
1000
50
.25
400
CTCB1206F-122M
1200
50
.25
400
CTCB1206F-202M
2000
30
.35
400
CTCB1210F-320M
32
100
.10
1000
CTCB1210F-600M
60
100
.10
1000
CTCB1210F-900M
90
100
.10
1000
CTCB1806F-500M
50
100
.10
1000
CTCB1806F-600M
60
100
.10
1000
CTCB1806F-800M
80
100
.10
1000
CTCB1806F-101M
100
100
.18
800
CTCB1806F-151M
150
100
.18
800
CTCB1806F-171M
170
100
.18
800
CTCB1812F-700M
70
100
.18
800
CTCB1812F-121M
120
100
.18
800
CTCBF Series
Medium Current
From 7
Ω
Ω to 2,000 Ω
Ω
Not shown at actual size.
CHARACTERISTICS
SPECIFICATIONS
Parts are available in ±25% tolerance only.
Description: Medium Current multi-layer ferrite chip beads
Applications: Noise suppression in computer peripherals,
telecommunication equipment, data communication equipment and
other consumer electronics
Operating Temperature: -55°C to +125°C
Impedance Range:
CTCB0603F: 11-1000
Ω
CTCB0805F: 7-2000
Ω
CTCB1206F: 19-2000
Ω
CTCB1210F: 32-90
Ω
CTCB1806F: 50-170
Ω
CTCB1812F: 70-120
Ω
Testing: Impedance is tested on an HP4287A at 100 MHz
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Marking: Reels marked with part number
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTCBF-M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
Chip Beads - Multi-layer
More results

Similar Description - CTCBF-M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML0402 ABRACON-ACML0402 Datasheet
100Kb / 2P
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML-1206 ABRACON-ACML-1206 Datasheet
63Kb / 1P
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
logo
KOA Speer Electronics, ...
CZB1EFT KOA-CZB1EFT Datasheet
631Kb / 15P
Multi Layer Ferrite Chip Beads
logo
Central Technologies
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
Chip Beads - Multi-layer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com