Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCBF-S Datasheet(PDF) 1 Page - Central Technologies

Part # CTCBF-S
Description  Chip Beads - Multi-layer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCBF-S Datasheet(HTML) 1 Page - Central Technologies

  CTCBF-S Datasheet HTML 1Page - Central Technologies CTCBF-S Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Beads - Multi-layer
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
02.18.09
Test
DCR
Part
Impedance
Freq.
Max.
IDC
Number
(
Ω
Ω)
(MHz)
(
Ω
Ω)
(mA)
CTCB0402F-060S
6
100
.05
500
CTCB0402F-100S
10
100
.05
500
CTCB0402F-400S
40
100
.30
300
CTCB0402F-800S
80
100
.40
200
CTCB0402F-121S
120
100
.50
200
CTCB0402F-241S
240
100
.50
200
CTCB0402F-481S
480
100
.80
100
CTCB0402F-601S
600
100
1.0
100
CTCB0603F-110S
11
100
0.1
400
CTCB0603F-190S
19
100
0.1
400
CTCB0603F-300S
30
100
0.3
400
CTCB0603F-400S
40
100
0.3
400
CTCB0603F-600S
60
100
0.4
200
CTCB0603F-800S
80
100
0.5
300
CTCB0603F-121S
120
100
0.7
200
CTCB0603F-221S
220
100
0.5
200
CTCB0603F-301S
300
100
1.2
150
CTCB0603F-451S
450
100
0.5
200
CTCB0603F-601S
600
100
1.8
150
CTCB0603F-751S
750
100
0.7
200
CTCB0603F-102S
1000
100
2.0
100
CTCB0603F-152S
1500
100
1.0
50
CTCB0603F-222S
2200
100
1.2
50
CTCB0805F-070S
7
100
0.1
600
CTCB0805F-090S
9
100
0.1
600
CTCB0805F-100S
10
100
0.2
600
CTCB0805F-110S
11
100
0.1
600
CTCB0805F-170S
17
100
0.1
600
CTCB0805F-320S
32
100
0.1
600
CTCB0805F-600S
60
100
0.2
500
CTCB0805F-700S
70
100
0.2
500
CTCB0805F-800S
80
100
0.4
400
CTCB0805F-121S
120
100
0.5
300
CTCB0805F-151S
150
100
0.6
200
CTCB0805F-221S
220
100
0.5
200
CTCB0805F-301S
300
100
0.3
300
CTCB0805F-401S
400
100
0.5
200
CTCB0805F-501S
500
100
0.4
300
CTCB0805F-601S
600
100
0.4
200
CTCB0805F-751S
750
100
0.5
200
CTCB0805F-102S
1000
100
1.5
100
CTCB0805F-152S
1500
100
1.0
100
CTCB0805F-202S
2000
100
0.5
100
CTCB0805F-222S
2200
100
1.0
100
CTCB1206F-190S
19
100
0.2
500
CTCB1206F-260S
26
100
0.2
500
CTCB1206F-310S
31
100
0.2
500
CTCB1206F-320S
32
100
0.1
600
CTCB1206F-500S
50
100
0.2
400
CTCB1206F-600S
60
100
0.1
500
CTCB1206F-700S
70
100
0.5
200
CTCB1206F-800S
80
100
0.2
400
CTCB1206F-900S
90
100
0.2
400
CTCB1206F-101S
100
100
.15
500
CTCB1206F-121S
120
100
0.2
300
CTCB1206F-151S
150
100
0.4
200
CTCB1206F-201S
200
100
0.2
400
CTCB1206F-221S
220
100
0.5
300
CTCB1206F-301S
300
100
0.2
300
CTCB1206F-401S
400
100
0.6
100
CTCB1206F-501S
500
100
0.2
400
CTCB1206F-601S
600
100
0.5
200
CTCB1206F-102S
1000
100
0.6
100
CTCB1206F-122S
1200
50
0.5
200
CTCB1206F-152S
1500
50
0.9
100
CTCB1206F-202S
2000
30
0.6
200
CTCB1210F-310S
31
100
0.3
400
CTCB1210F-320S
32
100
0.2
500
CTCB1210F-520S
52
100
0.3
400
CTCB1210F-600S
60
100
0.3
400
CTCB1210F-900S
90
100
0.2
500
CTCB1806F-500S
50
100
0.2
600
CTCB1806F-600S
60
100
0.2
600
CTCB1806F-800S
80
100
0.2
600
CTCB1806F-101S
100
100
0.3
500
CTCB1806F-151S
150
100
0.3
500
CTCB1806F-171S
170
100
0.3
500
CTCB1812F-700S
70
100
0.4
300
CTCB1812F-121S
120
100
0.4
300
CTCB1812F-125S
125
100
0.4
300
CTCBF Series
Standard
From 6
Ω
Ω to 2,200 Ω
Ω
Not shown at actual size.
CHARACTERISTICS
SPECIFICATIONS
Parts are available in ±25% tolerance only.
Description: Standard multi-layer ferrite chip beads
Applications: Noise suppression in computer peripherals,
telecommunication equipment, data communication equipment and
other consumer electronics
Operating Temperature: -55°C to +125°C
Impedance Range:
CTCB0402F: 6-600
Ω
CTCB0603F: 11-2200
Ω
CTCB0805F: 7-2200
Ω
CTCB1206F: 19-2000
Ω
CTCB1210F: 31-90
Ω
CTCB1806F: 50-170
Ω
CTCB1812F: 70-125
Ω
Testing: Impedance is tested on an HP4287A at 100 MHz
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant available.
Marking: Reels marked with part number
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT #16
RoHS
Compliant


Similar Part No. - CTCBF-S

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
Chip Beads - Multi-layer
More results

Similar Description - CTCBF-S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML0402 ABRACON-ACML0402 Datasheet
100Kb / 2P
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML-1206 ABRACON-ACML-1206 Datasheet
63Kb / 1P
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
logo
KOA Speer Electronics, ...
CZB1EFT KOA-CZB1EFT Datasheet
631Kb / 15P
Multi Layer Ferrite Chip Beads
logo
Central Technologies
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
Chip Beads - Multi-layer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com