Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCDRH2D11 Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH2D11
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH2D11 Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH2D11 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
11.18.05
SPECIFICATIONS
Part are available in ±30% tolerance only
CTCDRH2D11F Please specify “F” for RoHS Compliant
L Test
DCR
Saturation
Temp. Rise
Part
Inductance
Freq.
Max.
Current
Current Typ.
Number
(µH)
(kHz)
(m
Ω
Ω)
(A)
(A)
CTCDRH2D11_-1R5N
1.5
100
95
0.90
1.45
CTCDRH2D11_-2R2N
2.2
100
121
0.64
1.27
CTCDRH2D11_-3R3N
3.3
100
160
0.60
1.02
CTCDRH2D11_-4R7N
4.7
100
206
0.50
0.88
CTCDRH2D11_-6R8N
6.8
100
304
0.40
0.80
CTCDRH2D11_-100N
10
100
470
0.34
0.60
CTCDRH2D11_-120N
12
100
512
0.30
0.50
CTCDRH2D11_-150N
15
100
610
0.24
0.48
CTCDRH2D11_-180N
18
100
691
0.23
0.46
CTCDRH2D11_-220N
22
100
843
0.22
0.43
CTCDRH2D11_-330N
33
100
1460
0.21
0.32
CTCDRH2D11_-470N
47
100
2250
0.20
0.30
CTCDRH2D11 Series
From 1.5 µH to 47 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -30°C to +100°C
Saturation Current: The current when the inductance becomes
35% lower than its nominal value. (Ta=20°C)
Temp. Rise Current (Typ.): The actual current when the temp.
of coil becomes
∆T=40°C. (Ta=20°C)
Inductance Tolerance: ±30%
Testing: Tested on a HP4285A at 100 KHz , 0.25Vrms , 0Adc
Packaging: Tape & Reel
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
1.7
1.3
1.3
Unit: mm
A
Marking:
Inductance Code
B
F
C
E
D
XXX
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
3.2
3.2
1.0
2.1
4.3
1.3
inches
0.126
0.126
0.04
0.08
0.169
0.051
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTCDRH2D11

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11/HPF-100N CT-CTCDRH2D11/HPF-100N Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH2D11/HPF-1R5N CT-CTCDRH2D11/HPF-1R5N Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH2D11/HPF-2R2N CT-CTCDRH2D11/HPF-2R2N Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH2D11/HPF-3R3N CT-CTCDRH2D11/HPF-3R3N Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH2D11/HPF-4R7N CT-CTCDRH2D11/HPF-4R7N Datasheet
176Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH2D11

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com