Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-7407 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # PPC-7407
Description  Socket 478 P4/P4-M/ Celeron 17" Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PPC-7407 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  PPC-7407 Datasheet HTML 1Page - Protech Systems Co., Ltd. PPC-7407 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Socket 478 Pentium 4 17" Panel PC
PPC-7407
www . protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document issubject to change without any prior notice. This catalog is copyrighted in Jan. 2005.
12.1" / 15" / 17" Modularizing View
15" bezel
Switchablebezel
12.1" bezel
17" bezel
Connector Description
VGA
COM 3
USB 2
USB 1
COM 4
COM 1
COM 2
LAN
DIO
Printer
Line-in
Line-out
MIC
K/B
Mouse
ON-OFF Switch
AC Jack
R
17" Panel Front View
System
2 x USB2.0
2
Line in/Line out/MIC in
1 x parallel port (SPP/EPP/ECP)Yes
4 x COMs (pin 9 support +5V or +12V),
COM2 for RS232/422/485
USB
KB/Mouse
Audio
Paralle
Serial Port
I/O Ports
R
R
Intel Pentium 4/ Pentium 4-M/ Celeron
Up to 2.8GHz
1 x DIMM, DDR333 memory up to 1GB max.
Aluminum
Yes
Yes
AC 200W power supply
Win 98SE/2000/XP, Linux 8.0/9.0
440 x 344 x 107 mm (17.32" x 13.54" x 4.21")
13 kg (28.66lb)
N/A
CE/FCC/LVD/ULx
R
R
CPU Support
Memory Support
Front Bazel
Open Frame
IP65/NEMA4
Power Supply
O.S. Support
Dimension (WxHxD)
System Weight
VESA Mounting Support
Certificate
Specification
Display
17" SXGA TFT LCD
Analog resistive (USB interface)
LCD
Touch Screen
panel PC with 17" LCD, S478 P-4 CPU
board, resistive touchscreen , 200W AC
power supply
IDE CF card
1 x PCI + 1 x ISA riser card for PPC740X
3 x PCI + 3 x ISA riser card for PPC740X
PPC-7407
PPC-7400-CFKIT
PPC-7400-1P1l
PPC-7400-3P3l
Ordering
Digital I/O
LAN
VGA
Brightness Control
Drive Bay
Expansion Slot
8DI/8DO
10/100/1000 Mbps
1600 x 1200 max.
VR on rear panel
1 x 3.5" HDD, 1 x slim CD, 1 x slim FDD,
1 x DOC (build-in riser card)
1xPCI+1xISA or3xPCI +3xISA
Systems



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com