Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-7500 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # PPC-7500
Description  Panel PC with Pentium M Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PPC-7500 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  PPC-7500 Datasheet HTML 1Page - Protech Systems Co., Ltd. PPC-7500 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10.4" Panel PC with Pentium M Solution
Front View
Rear View
PPC-7500
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in DEC. 2006.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in DEC. 2006.
Side View
System
2 x USB2.0
2
Line in / Line out / MIC in
1 x parallel port (SPP / EPP / ECP)
2 x COMs, COM1 supports +5V or +12V,
COM2 for RS232/422/485, supports +5V only
USB
KB / Mouse
Audio
Parallel
Serial Port
N/A
10/100/1000Mbps
N/A
VR on rear panel
1 x 2.5" HDD, 1 x IDE CF slot on board
PC104+ / 1 x USB CF slot on back cover
Digital I/O
LAN
VGA
Brightness Control
Drive Bay
Expansion Slots
I/O Ports
CPU Support
Memory Support
Front Bazel
IP65 / NEMA4
Power Supply
O.S. Support
Dimension (W x H x D)
System Weight
VESA Mounting Support
Certificate
Specification
Display
10.4" SVGA TFT LCD
5W Analog resistive (USB interface)
LCD
Touch Screen
Environment
0 ~ 40 C
-20 ~ 60 C
20% ~ 90%
Operating Temp.
Storage Temp.
Humidity
Panel PC with 10.4" LCD, S478 Pentium
M CPU board, resistive touchscreen ,
110W AC power supply
PPC-7500
Ordering
Systems
Intel
Pentium
M / Celeron
M up to 1.8GHz
1 x 200pin DDR SO-DIMM,
Support DDR 333 SDRAM up to 1GB
Aluminum
Yes
AC 110W power supply
Win 98SE / 2000 / XP / CE.net, Linux Redhat 8.0/9.0
280 x 232 x 80 mm (11.02" x 9.13" x 3.15")
6 Kg (13.22lb)
75mm / 100mm
CE / FCC
R
R
R
R
280
213
8
11,5
80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com