Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-7507F Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # PPC-7507F
Description  Fanless and Low Power Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PPC-7507F Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  PPC-7507F Datasheet HTML 1Page - Protech Systems Co., Ltd. PPC-7507F Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fanless and Low Power 17" Panel PC
Front View
Rear View
PPC-7507F
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in JAN. 2007.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in JAN. 2007.
Side View
Intel
Celeron
M ULV 1.0GHz on board
1 x 200pin DDR SO-DIMM,
support DDR 333 SDRAM up to 1GB
Aluminum
Yes
DC 24Vin 80W power supply /
AC 100-240Vin (optional power adapter)
Win 98SE/2000/XP/CE.net, Linux Redhat 8.0/9.0
440 x 344 x 107 mm (17.32" x 13.54" x 4.21")
8 Kg (17.63lb)
75mm / 100mm VESA bracket (optional)
CE / FCC
System
2 x USB2.0
2
Line in / Line out / MIC in
1 x parallel port (SPP / EPP / ECP)
4 x COMs, COM1 supports +5V or +12V, COM2
for RS232/422/485, COM 2/3/4 supports +5V
N/A
USB
KB / Mouse
Audio
Parallel
Serial Port
Digital I/O
I/O Ports
CPU Support
Memory Support
Front Bazel
IP65/NEMA4
Power Supply
O.S. Support
Dimension (WxHxD)
System Weight
VESA Mounting Support
Certificate
Specification
Display
17" SXGA TFT LCD
7W Analog resistive (USB interface)
LCD
Touch Screen
Environment
0 ~ 40 C
-20 ~ 60 C
20% ~ 90%
Operating Temp.
Storage Temp.
Humidity
Fanless Panel PC with 17" LCD, Intel Celeron
M ULV 1.0GHz CPU board, resistive
touchscreen, 24V 80W DC power supply
120W, 24 Vdc output power adaptor
1 x PCI riser card for PPC-7505F/7507F
3 x PCI riser card for PPC-7505F/7507F
PPC-7507F
EFSP120-ACB
PPC-7500-1P
PPC-7500-3P
Systems
10/100 Mbps
1
VR on rear panel
1 x 2.5" HDD, 1 x IDE CF slot on board,
1 x Silm CD-ROM (optional)
1 x PCI or 3 x PCI slot (optional)
LAN
VGA
Brightness Control
Drive Bay
Expansion Slots
TM
PROTECH SYSTEMS
It's the right choice
341,5
440
174
Ordering



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com