Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTC2F-R56K Datasheet(PDF) 1 Page - Central Technologies

Part # CTC2F-R56K
Description  Conformal Coated Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTC2F-R56K Datasheet(HTML) 1 Page - Central Technologies

  CTC2F-R56K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Conformal Coated Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.12.05
Size
A
B
C
24 AWG
Max.
Max.
Typ.
Nom.
mm
6.6
2.8
29.2
0.511
inches
0.26
0.11
1.15
0.02
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTC2F-R022_
J = ±5%, K = ±10%, M = ±20%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTC2F-R022_
.022
50
40
50
500
.01
520
CTC2F-R033_
.033
50
40
50
490
.02
500
CTC2F-R039_
.039
50
40
50
480
.02
500
CTC2F-R047_
.047
50
40
50
480
.03
500
CTC2F-R056_
.056
50
40
50
470
.04
460
CTC2F-R068_
.068
50
40
50
470
.05
460
CTC2F-R082_
.082
50
40
50
470
.05
460
CTC2F-R10_
.10
25.2
30
25.2
280
.08
1400
CTC2F-R12_
.12
25.2
30
25.2
280
.08
1350
CTC2F-R15_
.15
25.2
30
25.2
280
.09
1270
CTC2F-R18_
.18
25.2
30
25.2
280
.12
1200
CTC2F-R22_
.22
25.2
40
25.2
280
.15
1150
CTC2F-R27_
.27
25.2
40
25.2
260
.15
1110
CTC2F-R33_
.33
25.2
40
25.2
250
.15
1110
CTC2F-R39_
.39
25.2
40
25.2
220
.17
1000
CTC2F-R47_
.47
25.2
40
25.2
200
.17
1000
CTC2F-R56_
.56
25.2
40
25.2
180
.17
950
CTC2F-R68_
.68
25.2
40
25.2
160
.18
900
CTC2F-R82_
.82
25.2
40
25.2
140
.18
900
CTC2F-1R0_
1.0
25.2
40
25.2
135
.18
815
CTC2F-1R2_
1.2
7.96
40
7.96
135
.18
740
CTC2F-1R5_
1.5
7.96
45
7.96
130
.20
700
CTC2F-1R8_
1.8
7.96
40
7.96
125
.23
655
CTC2F-2R2_
2.2
7.96
40
7.96
80
.25
630
CTC2F-2R7_
2.7
7.96
40
7.96
80
.28
596
CTC2F-3R3_
3.3
7.96
40
7.96
70
.30
575
CTC2F-3R9_
3.9
7.96
40
7.96
65
.32
555
CTC2F-4R7_
4.7
7.96
40
7.96
45
.35
530
CTC2F-5R6_
5.6
7.96
40
7.96
49
.40
500
CTC2F-6R8_
6.8
7.96
40
7.96
30
.45
470
CTC2F-8R2_
8.2
7.96
40
7.96
28
.56
425
CTC2F-100_
10
7.96
40
7.96
22
.72
370
CTC2F-120_
12
2.52
40
2.52
20
.80
350
CTC2F-150_
15
2.52
40
2.52
16
.88
335
CTC2F-180_
18
2.52
40
2.52
15
1.0
315
CTC2F-220_
22
2.52
40
2.52
13
1.2
285
CTC2F-270_
27
2.52
40
2.52
11
1.3
270
CTC2F-330_
33
2.52
40
2.52
10
1.5
255
CTC2F-390_
39
2.52
40
2.52
9.5
1.7
240
CTC2F-470_
47
2.52
50
2.52
8.5
2.3
205
CTC2F-560_
56
2.52
50
2.52
7.5
2.6
195
CTC2F-680_
68
2.52
50
2.52
6.5
2.9
185
CTC2F-820_
82
2.52
50
2.52
6.0
3.2
175
CTC2F-101_
100
2.52
50
2.52
5.5
3.5
165
CTC2F-121_
120
.796
60
.796
5.4
3.8
160
CTC2F-151_
150
.796
60
.796
4.8
4.4
150
CTC2F-181_
180
.796
60
.796
4.4
5.0
140
CTC2F-221_
220
.796
60
.796
4.0
5.7
130
CTC2F-271_
270
.796
60
.796
3.7
7.5
120
CTC2F-331_
330
.796
60
.796
3.4
9.5
100
CTC2F-391_
390
.796
60
.796
2.8
10
95
CTC2F-471_
470
.796
60
.796
2.7
11
90
CTC2F-561_
560
.796
60
.796
2.4
13
85
CTC2F-681_
680
.796
60
.796
2.0
18
75
CTC2F-821_
820
.796
60
.796
1.6
24
65
CTC2F-102_
1000
.796
50
.796
1.2
30
60
CTC2F Series
From .022 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded conformal coated inductor
Applications: Used in less harsh environments. Ideal for less
critical RFL/EMI applications
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±5%, ±10%, ±20%
Testing: Inductance and Q are tested on an HP4285A or
HP4286A at specified frequency
Packaging: Bulk pack or Tape & Reel, 5,000 parts per reel
Marking: Parts are EIA color banded with inductance code and
tolerance
Material: Magnetic core with epoxy resin for protection and
longer reliability
Miscellaneous: RoHS Compliant. Other values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT #1
RoHS
Compliant


Similar Part No. - CTC2F-R56K

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
logo
ITT Industries
CTC ITT-CTC Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
CTC 16 WAY PLUG BLACK ITT-CTC 16 WAY PLUG BLACK Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
logo
Infinite Electronics In...
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
More results

Similar Description - CTC2F-R56K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Aug-06
logo
Central Technologies
CTC0F CT-CTC0F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC1F CT-CTC1F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC3F CT-CTC3F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC4F CT-CTC4F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC5F CT-CTC5F Datasheet
213Kb / 1P
Conformal Coated Inductors - Axial
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com