Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTC3F-R18M Datasheet(PDF) 1 Page - Central Technologies

Part # CTC3F-R18M
Description  Conformal Coated Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTC3F-R18M Datasheet(HTML) 1 Page - Central Technologies

  CTC3F-R18M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Conformal Coated Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.12.05
Size
A
B
C
22 AWG
Max.
Max.
Min.
Nom.
mm
9.53
4.06
26.7
0.643
inches
0.375
0.16
1.05
0.02535
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTC3F-R10_
J = ±5%, K = ±10%, M = ±20%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTC3F-R10_
.10
25.2
25
25.2
320
.15
1750
CTC3F-R12_
.12
25.2
25
25.2
320
.16
1650
CTC3F-R15_
.15
25.2
25
25.2
320
.17
1560
CTC3F-R18_
.18
25.2
25
25.2
320
.19
1480
CTC3F-R22_
.22
25.2
25
25.2
300
.21
1400
CTC3F-R27_
.27
25.2
25
25.2
300
.24
1320
CTC3F-R33_
.33
25.2
25
25.2
300
.28
1280
CTC3F-R39_
.39
25.2
25
25.2
280
.32
1200
CTC3F-R47_
.47
25.2
25
25.2
250
.36
1150
CTC3F-R56_
.56
25.2
25
25.2
230
.41
1100
CTC3F-R68_
.68
25.2
25
25.2
210
.47
1030
CTC3F-R82_
.82
25.2
45
25.2
172
.24
980
CTC3F-1R0_
1.0
25.2
45
25.2
140
.24
920
CTC3F-1R2_
1.2
7.96
50
7.96
140
.27
880
CTC3F-1R5_
1.5
7.96
50
7.96
131
.30
830
CTC3F-1R8_
1.8
7.96
55
7.96
121
.32
790
CTC3F-2R2_
2.2
7.96
55
7.96
110
.35
750
CTC3F-2R7_
2.7
7.96
60
7.96
100
.35
720
CTC3F-3R3_
3.3
7.96
65
7.96
94
.35
670
CTC3F-3R9_
3.9
7.96
65
7.96
86
.37
640
CTC3F-4R7_
4.7
7.96
70
7.96
80
.39
620
CTC3F-5R6_
5.6
7.96
70
7.96
74
.43
590
CTC3F-6R8_
6.8
7.96
75
7.96
68
.48
550
CTC3F-8R2_
8.2
7.96
70
7.96
53
.52
530
CTC3F-100_
10
7.96
70
7.96
45
.58
500
CTC3F-120_
12
2.52
70
2.52
34
.63
480
CTC3F-150_
15
2.52
70
2.52
20
.72
460
CTC3F-180_
18
2.52
65
2.52
14
.77
430
CTC3F-220_
22
2.52
40
2.52
9.9
.84
410
CTC3F-270_
27
2.52
55
2.52
7.6
.94
390
CTC3F-330_
33
2.52
55
2.52
6.3
1.0
370
CTC3F-390_
39
2.52
50
2.52
8.3
1.1
350
CTC3F-470_
47
2.52
45
2.52
6.3
1.2
340
CTC3F-560_
56
2.52
40
2.52
6.2
1.3
320
CTC3F-680_
68
2.52
40
2.52
5.7
1.5
306
CTC3F-820_
82
2.52
35
2.52
5.3
1.8
290
CTC3F-101_
100
2.52
30
2.52
4.8
1.8
275
CTC3F-121_
120
.796
70
.796
3.8
3.7
185
CTC3F-151_
150
.796
70
.796
3.5
4.2
175
CTC3F-181_
180
.796
70
.796
3.3
4.6
165
CTC3F-221_
220
.796
70
.796
3.0
5.1
155
CTC3F-271_
270
.796
65
.796
2.8
5.8
146
CTC3F-331_
330
.796
65
.796
2.8
6.4
137
CTC3F-391_
390
.796
65
.796
2.4
7.0
133
CTC3F-471_
470
.796
60
.796
2.2
7.7
126
CTC3F-561_
560
.796
60
.796
2.1
8.5
120
CTC3F-681_
680
.796
55
.796
1.9
9.4
113
CTC3F-821_
820
.796
55
.796
1.8
12
100
CTC3F-102_
1000
.796
50
.796
1.4
17
100
CTC3F Series
From .10 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded conformal coated inductor
Applications: Used in less harsh environments. Ideal for less
critical RFL/EMI applications.
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±5%, ±10%, ±20%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Bulk pack 1,000 parts per bag,
Tape & Reel, 5,000 parts per reel
Marking: Parts are EIA color banded which indicates inductance
code and tolerance
Material: Magnetic core treated with epoxy resin for protection
and longer reliability
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTC3F-R18M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CTC3 VISHAY-CTC3 Datasheet
110Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
14-May-08
CTC3106X0010B2TE3 VISHAY-CTC3106X0010B2TE3 Datasheet
110Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
14-May-08
CTC3106X0010B2TE3 VISHAY-CTC3106X0010B2TE3 Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
CTC3106X0010B2WE3 VISHAY-CTC3106X0010B2WE3 Datasheet
110Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
14-May-08
CTC3106X0010B2WE3 VISHAY-CTC3106X0010B2WE3 Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
More results

Similar Description - CTC3F-R18M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Aug-06
logo
Central Technologies
CTC0F CT-CTC0F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC1F CT-CTC1F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC2F CT-CTC2F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC4F CT-CTC4F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC5F CT-CTC5F Datasheet
213Kb / 1P
Conformal Coated Inductors - Axial
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com