Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRC0HTF Datasheet(PDF) 2 Page - Superworld Electronics

Part # STRC0HTF
Description  HIGH FREQUENCY TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STRC0HTF Datasheet(HTML) 2 Page - Superworld Electronics

  STRC0HTF Datasheet HTML 1Page - Superworld Electronics STRC0HTF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
2. GENERAL SPECIFICATION :
PG. 2
03.06.2008
3. ELECTRICAL CHARACTERISTICS :
a) Operating temp. : -25°C to +105°C
b) Insulation Class : B ( 130°C )
NOTE : Specifications subject to change without notice. Please check our website for latest information.
10KHz / 50mV
L : (4-3) = 17mH Min.
L : (5-6) = 47µH Min.
L : (2-1) = 47µH Min.
L : (8-7) = 200µH Min.
L : (5-6) = 11µH Min.
L : (2-1) = 11µH Min.
L : (8-7) = 210µH Min.
L : (4-3) = 16mH Min.
STRC0HTF
2
Part No.
STRC0HTF
Style
1
-
-
-
-
-
-
Electrical
-
Conditions
-
(2-1) = 32.6m Max. @ 25°C
(4-3) = 0.72 Max. @ 25°C
(5-6) = 57.6m Max. @ 25°C
(2-1) = 57.6m Max. @ 25°C
(8-7) = 12.0m Max. @ 25°C
(8-7) = 19.6m Max. @ 25°C
(4-3) = 1.54 Max. @ 25°C
(5-6) = 32.6m Max. @ 25°C
Test Freq.
DCR
10KHz / 50mV
10KHz / 50mV
10KHz / 50mV
10KHz / 50mV
10KHz / 50mV
10KHz / 50mV
10KHz / 50mV
HIGH FREQUENCY TRANSFORMER
STRC0HTF SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com