Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRC5HTF Datasheet(PDF) 1 Page - Superworld Electronics

Part # STRC5HTF
Description  HIGH FREQUENCY TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STRC5HTF Datasheet(HTML) 1 Page - Superworld Electronics

  STRC5HTF Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
03.06.2008
3. ELECTRICAL CHARACTERISTICS :
HIGH FREQUENCY TRANSFORMER
STRC5HTF SERIES
Style 1
Unit : mm
4.50±0.50
15.24±0.30
25.38±0.30
10.00±0.50
7.62±0.30
5.08±0.30
20.00 Max.
40.00 Max.
35.00 Max.
Style 1
F1
F2
D1
E2
D2
E1
C
B
Dim.
A
10KHz / 50mV
L : (4-3) = 18mH Min.
L : (2-1) = 25.6uH Min.
L : (5-6) = 25.6uH Min.
L : (1-2) = 30uH Min.
L : (6-5) = 30uH Min.
L : (7-10) = 150uH Min.
L : (3-4) = 12mH Min.
STRC5HTF
1
Part No.
STRC5HTF
Style
1
-
-
-
-
-
Electrical
-
Conditions
-
(6-5) = 58mΩ Max. @ 25°C
(4-3) = 0.67Ω Max. @ 25°C
(10-7) = 18.24mΩ Max. @ 25°C
(8-9) = 18.18mΩ Max. @ 25°C
(5-6) = 48.93mΩ Max. @ 25°C
(7-10) = 26mΩ Max. @ 25°C
(3-4) = 0.58Ω Max. @ 25°C
(1-2) = 58mΩ Max. @ 25°C
Test Freq.
DCR
10KHz / 50mV
10KHz / 50mV
10KHz / 50mV
10KHz / 50mV
10KHz / 50mV
10KHz / 50mV
E2
10
9
B
E1
6
7
12
34 5
8
A
8
10
7
2
1
9
4
3
6
5
6
8
9
b) Insulation Class : B ( 130°C )
a) Operating temp. : -25°C to +105°C
2. GENERAL SPECIFICATION :
L : (9-8) = 150uH Min.
(9-8) = 26mΩ Max. @ 25°C
-
10KHz / 50mV
(2-1) = 49.88mΩ Max. @ 25°C


Similar Part No. - STRC5HTF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
STRC0HTF SUPERWORLD-STRC0HTF Datasheet
143Kb / 2P
HIGH FREQUENCY TRANSFORMER
logo
Semtech Corporation
STRC246 SEMTECH-STRC246 Datasheet
269Kb / 5P
NPN Silicon Epitaxial Planar Transistor
23/08/2016 Rev:03
logo
Superworld Electronics
STRC8HTF SUPERWORLD-STRC8HTF Datasheet
119Kb / 1P
HIGH FREQUENCY TRANSFORMER
More results

Similar Description - STRC5HTF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
EFDB5HSF-10321 SUPERWORLD-EFDB5HSF-10321 Datasheet
206Kb / 2P
HIGH FREQUENCY TRANSFORMER
EFDB5HSF-10427 SUPERWORLD-EFDB5HSF-10427 Datasheet
206Kb / 2P
HIGH FREQUENCY TRANSFORMER
EFDD0HTF-50737 SUPERWORLD-EFDD0HTF-50737 Datasheet
200Kb / 2P
HIGH FREQUENCY TRANSFORMER
EPCB7HTF-50746 SUPERWORLD-EPCB7HTF-50746 Datasheet
205Kb / 2P
HIGH FREQUENCY TRANSFORMER
SEEC5HTF-50730 SUPERWORLD-SEEC5HTF-50730 Datasheet
200Kb / 2P
HIGH FREQUENCY TRANSFORMER
SEIC8VTF-50536 SUPERWORLD-SEIC8VTF-50536 Datasheet
135Kb / 2P
HIGH FREQUENCY TRANSFORMER
SEID0VTF-50727 SUPERWORLD-SEID0VTF-50727 Datasheet
135Kb / 2P
HIGH FREQUENCY TRANSFORMER
SEPB3HSF-10087 SUPERWORLD-SEPB3HSF-10087 Datasheet
201Kb / 2P
HIGH FREQUENCY TRANSFORMER
SUIA9HSF-50204 SUPERWORLD-SUIA9HSF-50204 Datasheet
208Kb / 2P
HIGH FREQUENCY TRANSFORMER
logo
Allied Components Inter...
AEFD-111DS ALLIED-AEFD-111DS Datasheet
517Kb / 1P
HIGH FREQUENCY TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com