Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW105S05EHISMF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SW105S05EHISMF
Description  1W High Isolation 3kVdc Surface Mount DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW105S05EHISMF Datasheet(HTML) 1 Page - Superworld Electronics

  SW105S05EHISMF Datasheet HTML 1Page - Superworld Electronics SW105S05EHISMF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SW1 EHISM Series Product Datasheet
www.superworld.com.sg
1 of 2
SUPERWORLD ELECTRONICS
FEATURES
•
3kVdc Isolated Single & Dual Outputs
•
Higher 1W power in smaller package
•
Low Cost, High Performance
•
Industry standard 14-pin SMD device
•
Operating Temp Range –40
oC to 85oC
•
2 Year Warranty
•
Internal Input and Output Filtering
DESCRIPTION
The SW1 EHISM Series is a smaller industry
standard SMD package, making it very suitable
for high volume production. The package (19.9
x 13.5 x 9.5 mm) is fully encapsulated in a non-
flammable plastic case (meeting UL 94V-0)
and is designed to meet EN60950 and UL1950
safety standards
. As outputs are fully isolated
to 3kVdc from the input, a variety of grounding
and polarity configurations are available, for
the most challenging applications.
SW1 EHISM PRODUCT RANGE
Model
Vin (nom)
(Vdc)
Vout
(Vdc)
Iout
(mA)
Iin (rated load)
(mA)
Eff.
(%)
SW105S05EHISMF
5
5
200
290
69
SW105S12EHISMF
5
12
83
285
70
SW105S15EHISMF
5
15
67
283
71
SW105D05EHISMF
5
±
5
±
100
294
68
SW105D12EHISMF
5
±
12
±
42
296
68
SW105D15EHISMF
5
±
15
±
34
291
70
SW112S05EHISMF
12
5
200
116
72
SW112S12EHISMF
12
12
83
115
72
SW112S15EHISMF
12
15
67
116
72
SW112D05EHISMF
12
±
5
±
100
117
71
SW112D12EHISMF
12
±
12
±
42
120
70
SW112D15EHISMF
12
±
15
±
34
118
72
SW115S05EHISMF
15
5
200
97
69
SW115S12EHISMF
15
12
83
96
69
SW115S15EHISMF
15
15
67
97
69
SW115D05EHISMF
15
±
5
±
100
97
69
SW115D12EHISMF
15
±
12
±
42
93
72
SW115D15EHISMF
15
±
15
±
34
94
72
SW124S05EHISMF
24
5
200
60
69
SW124S12EHISMF
24
12
83
60
69
SW124S15EHISMF
24
15
67
61
69
SW124D05EHISMF
24
±
5
±
100
60
69
SW124D12EHISMF
24
±
12
±
42
61
69
SW124D15EHISMF
24
±
15
±
34
62
69
Pin
Function
(SINGLE)
Function
(DUAL)
1
+Vin
+Vin
2
-Vin
-Vin
3
NC
NC
4
NC
NC
5
-Vout
-Vout
6
NC
Common
7
+Vout
+Vout
8
NC
NC
9
NC
NC
10
NC
NC
11
NC
NC
13
NC
NC
14
NC
NC
MECHANICAL
SPECIFICATIONS
SW105S05EHISMF
SW1 EHISM Series – 1W High Isolation 3kVdc
Surface Mount DC-DC Converter


Similar Part No. - SW105S05EHISMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW105S05ESMF SUPERWORLD-SW105S05ESMF Datasheet
152Kb / 2P
1W Single & Dual Surface Mount DC-DC Converter
More results

Similar Description - SW105S05EHISMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW105S05HIMSMF SUPERWORLD-SW105S05HIMSMF Datasheet
180Kb / 2P
0.75W High Isolation 3kVdc Surface Mount DC-DC Converter
SW105S05HISMF SUPERWORLD-SW105S05HISMF Datasheet
152Kb / 2P
1W High Isolation 3kVdc SMD 24-pin DIP DC-DC Converter
STV03D03F SUPERWORLD-STV03D03F Datasheet
149Kb / 2P
1W 3kVdc Isolated Dual Output Surface Mount DC-DC Converter
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
DC/DC CONVERTER 1W, High Isolation,SMD-Package
logo
Toppower Electronic Tec...
TPB-1W TOPPOWER-TPB-1W Datasheet
410Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPI TOPPOWER-TPI Datasheet
198Kb / 3P
1W 3KVDC Isolation & Regulated Dual Output DC-DC Converters
TPB-1W TOPPOWER-TPB-1W_19 Datasheet
674Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_V01 Datasheet
233Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_V02 Datasheet
262Kb / 3P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com