Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW112S12ESMF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SW112S12ESMF
Description  1W Single & Dual Surface Mount DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW112S12ESMF Datasheet(HTML) 1 Page - Superworld Electronics

  SW112S12ESMF Datasheet HTML 1Page - Superworld Electronics SW112S12ESMF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SW1 ESM Series Product Datasheet
www.superworld.com.sg
1 of 2
SUPERWORLD ELECTRONICS
FEATURES
•
Higher 1W power in smaller package
•
Low Cost, High Performance
•
Industry standard 14-pin SMD device
•
Single & Dual Isolated Outputs
•
Operating Temp Range –40
oC to 85oC
•
2 Year Warranty
•
Internal Input and Output Filtering
DESCRIPTION
The SW1 ESM Series is 1W packaged in a
smaller
industry
standard
SMD
package,
making it very suitable for high volume
production. The package (19.9 x 13.5 x 9.5
mm) is fully encapsulated in a non-flammable
plastic case (meeting UL 94V-0) and is
designed to meet EN60950 and UL1950 safety
standards
. As outputs are fully isolated from
the input, a variety of grounding and polarity
configurations are available.
SW1 ESM PRODUCT RANGE
Model
Vin (nom)
(Vdc)
Vout
(Vdc)
Iout
(mA)
Iin (rated
load)
(mA)
Eff.
(%)
SW105S05ESMF
5
5
200
290
69
SW105S12ESMF
5
12
83
285
70
SW105S15ESMF
5
15
67
283
71
SW105D05ESMF
5
±
5
±
100
294
68
SW105D12ESMF
5
±
12
±
42
296
68
SW105D15ESMF
5
±
15
±
34
291
70
SW112S05ESMF
12
5
200
116
72
SW112S12ESMF
12
12
83
115
72
SW112S15ESMF
12
15
67
116
72
SW112D05ESMF
12
±
5
±
100
117
71
SW112D12ESMF
12
±
12
±
42
120
70
SW112D15ESMF
12
±
15
±
34
118
72
SW115S05ESMF
15
5
200
97
69
SW115S12ESMF
15
12
83
96
69
SW115S15ESMF
15
15
67
97
69
SW115D05ESMF
15
±
5
±
100
97
69
SW115D12ESMF
15
±
12
±
42
93
72
SW115D15ESMF
15
±
15
±
34
94
72
SW124S05ESMF
24
5
200
60
69
SW124S12ESMF
24
12
83
60
69
SW124S15ESMF
24
15
67
61
69
SW124D05ESMF
24
±
5
±
100
60
69
SW124D12ESMF
24
±
12
±
42
61
69
SW124D15ESMF
24
±
15
±
34
62
69
Pin
Function
(SINGLE)
Function
(DUAL)
1
+Vin
+Vin
2
-Vin
-Vin
3
NC
NC
4
NC
NC
5
-Vout
-Vout
6
NC
Common
7
+Vout
+Vout
8
NC
NC
9
NC
NC
10
NC
NC
11
NC
NC
13
NC
NC
14
NC
NC
MECHANICAL
SPECIFICATIONS
SW1 ESM Series – 1W Single & Dual Surface
Mount DC-DC Converter
SW105S05ESMF


Similar Part No. - SW112S12ESMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW112S12EHISMF SUPERWORLD-SW112S12EHISMF Datasheet
158Kb / 2P
1W High Isolation 3kVdc Surface Mount DC-DC Converter
More results

Similar Description - SW112S12ESMF

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01 Datasheet
206Kb / 1P
1W DC-DC Unregulated Single Output Converter
logo
Chinfa Electronics Ind....
FDD01-05S0 CHINFA-FDD01-05S0 Datasheet
270Kb / 4P
DC - DC CONVERTER 1W SINGLE & DUAL OUTPUT
logo
Superworld Electronics
SW105S05EHISMF SUPERWORLD-SW105S05EHISMF Datasheet
158Kb / 2P
1W High Isolation 3kVdc Surface Mount DC-DC Converter
SW105S05SMF SUPERWORLD-SW105S05SMF Datasheet
159Kb / 2P
0.75W Single & Dual Surface Mount DC-DC Converter
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
1W DC-DC Unregulated Single Output Converter
logo
Superworld Electronics
STA03D03F SUPERWORLD-STA03D03F Datasheet
149Kb / 2P
1W Dual Output Surface Mount DC-DC Converter
STE03S03F SUPERWORLD-STE03S03F Datasheet
150Kb / 2P
1W Single Output Surface Mount DC-DC Converter
STV03D03F SUPERWORLD-STV03D03F Datasheet
149Kb / 2P
1W 3kVdc Isolated Dual Output Surface Mount DC-DC Converter
logo
Mean Well Enterprises C...
SPA01 MEANWELL-SPA01 Datasheet
55Kb / 1P
1W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com