Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2R48D09UWF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SW2R48D09UWF
Description  2W Ultra-Wide Input Single & Dual Output DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW2R48D09UWF Datasheet(HTML) 2 Page - Superworld Electronics

  SW2R48D09UWF Datasheet HTML 1Page - Superworld Electronics SW2R48D09UWF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW2R UW Series Product Datasheet
www.superworld.com.sg
2 of 2
SW2R UW INPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Input Current (No Load)
All models
20
mA
Voltage Range
18
48
75
Vdc
Transient Input Voltage (1msec)
100
Vdc
Undervoltage Lockout
On
17.5
Vdc
Off
16
Reflected Ripple Current
35
mAp-p
SW2R UW OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Rated Power
All models
2.0
W
Voltage Setpoint Accuracy
±
5
%
Line Regulation
1% change in Vin
±
0.5
±
2
%
Load Regulation
(10% load to rated load)
±
1
±
3
%
Ripple & Noise
BW = DC to 20MHz
1%
p-p
Current Limit
120% x Iout
2.5
W
Output Overvoltage Clamp
120
% Vout
Temperature Coefficient
±
0.008
%/
oC
Short Circuit Protection
1
second
SW2R UW GENERAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Temperature
Temperature (Ambient)
-25
70
°C
Temperature (Case)
-40
100
°C
Storage
-40
100
°C
Isolation
Isolation Test Voltage
1500
Vdc
Resistance
10
GΩ
Capacitance
20
pF
Leakage Current
20
µArms
Switching Frequency
150
kHz
MTTF (Ta = 25
oC)
MIL-HDBK-217E
450000
hrs
Weight
20
g
Superworld Electronics (S) Pte Ltd
16 New Industrial Road #06-01 to 08 Hudson TechnoCentre Singapore 536204
Tel : (65) 6298 2866
Fax : (65) 6298 8900
Email : sales@superworld.com.sg
Refer to Medium Power Application Note 1 for additional Performance Curves & Data
Pin
Singles
Dual
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
MECHANICAL
(L Package)
SW2R48S03UWLF
Apply E or L to
part number when
ordering



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com