Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWDY0806 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SWDY0806
Description  HIGH CURRENT POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SWDY0806 Datasheet(HTML) 2 Page - Superworld Electronics

  SWDY0806 Datasheet HTML 1Page - Superworld Electronics SWDY0806 Datasheet HTML 2Page - Superworld Electronics SWDY0806 Datasheet HTML 3Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SWDY0806 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
07.04.2008
1.0V / 100K
1.0V / 100K
Frequency
( Hz )
Test
1.0V / 100K
Inductance L
SWDY0806-1R2MF
SWDY0806-R82MF
Part No.
SWDY0806-R56MF
1.20±20%
0.82±20%
0.56±20%
( µH )
0
Max.
15
18
23
( A )
Irms
4.30
( m )
2.90
1.90
DCR
±8%
21
23
28
Max.
( A )
Isat
7. INDUCTANCE VS. DC BIAS CURVES :
SWDY0806-R56MF
100
170
240
310
380
450
520
590
660
730
800
0
5
10
15
20
25
30
35
40
DC BIAS (Amps)
SWDY0806-R82MF
300
400
500
600
700
800
900
1000
1100
1200
1300
0
3
6
9
12
15
18
21
24
27
30
DC BIAS (Amps)
SWDY0806-1R2MF
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
03
69
12
15
18
21
24
27
30
DCBIAS ( Amps)
HIGH CURRENT POWER INDUCTORS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com