Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW115D05SMF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SW115D05SMF
Description  0.75W Single & Dual Surface Mount DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW115D05SMF Datasheet(HTML) 2 Page - Superworld Electronics

  SW115D05SMF Datasheet HTML 1Page - Superworld Electronics SW115D05SMF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW1 SM Series Product Datasheet
www.superworld.com.sg
2 of 2
SW1 SM INPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Input Current (No Load)
5Vin models
20
mA
12Vin models
10
15 & 24Vin models
8
Voltage Range
5 Vin models
4.5
5
5.5
Vdc
12 Vin models
10.8
12
13.2
15 Vin models
13.5
15
16.5
24 Vin models
21.5
24
26.5
SW1 SM OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Rated Power
All models
0.75
W
Voltage Setpoint Accuracy
±
5
%
Line Regulation
1% change in Vin
1.0
1.2
%
Load Regulation
5Vout
5
10
%
(10% load to rated load)
12 & 15 Vout
3
10
Ripple & Noise
BW = DC to 20MHz
All models
40
90
mVp-p
Maximum Voltage (1 mA load)
5 Vout models
7
Vdc
12 Vout models
15
15 Vout models
18
Temperature Coefficient
±
0.01
%/
oC
Capacitive Load
10
µF
Short Circuit Protection
1
second
SW1 SM GENERAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Temperature
Specification
(5&12V input)
-40
--
85
oC
Specification
(15&24V input)
-40
--
70
oC
Storage
-40
--
110
oC
Isolation
Isolation Test Voltage
750
Vdc
Resistance
1
10
GΩ
Capacitance
25
100
pF
Leakage Current
2
8.5
µArms
Switching Frequency
120
kHz
MTTF (Ta = 25
oC)
MIL-HDBK-217E
450000
hrs
Weight
2
G
CONTACT INFORMATION
Superworld Electronics (S) Pte Ltd
16 New Industrial Road
#06-01 to 08 Hudson TechnoCentre
Singapore 536204
Tel : (65) 6298 2866
Fax : (65) 6298 8900
Email : sales@superworld.com.sg



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com