Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW124D12ESMF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SW124D12ESMF
Description  1W Single & Dual Surface Mount DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW124D12ESMF Datasheet(HTML) 2 Page - Superworld Electronics

  SW124D12ESMF Datasheet HTML 1Page - Superworld Electronics SW124D12ESMF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW1 ESM Series Product Datasheet
www.superworld.com.sg
2 of 2
SW1 ESM INPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Input Current (No Load)
5 Vin models
33
mA
12 Vin models
18
15 Vin models
15
24 Vin models
12
Voltage Range
5 Vin models
4.5
5
5.5
Vdc
12 Vin models
10.8
12
13.2
15 Vin models
13.5
15
16.5
24 Vin models
21.5
24
26.5
SW1 ESM OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Rated Power
All models
0.75
W
Voltage Setpoint Accuracy
±
5
%
Line Regulation
1% change in Vin
1.0
1.2
%
Load Regulation
5Vout
5
10
%
(10% load to rated load)
12 & 15 Vout
3
10
%
BW = DC to 20MHz
Ripple & Noise
All models
40
90
mVp-p
Maximum Voltage (1 mA load)
5 Vout models
7
Vdc
12 Vout models
15
15 Vout models
18
Temperature Coefficient
±
0.01
%/
oC
Capacitive Load
10
µF
Short Circuit Protection
1
second
SW1 ESM GENERAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Temperature
Specification
(5&12V input)
-40
--
85
oC
Specification
(15&24V input)
-40
--
70
oC
Storage
-40
--
110
oC
Isolation
Isolation Test Voltage
750
Vdc
Resistance
1
10
GΩ
Capacitance
25
100
pF
Leakage Current
2
8.5
µArms
Switching Frequency
120
kHz
MTTF (Ta = 25
oC)
MIL-HDBK-217E
450000
hrs
Weight
1
.8
g
CONTACT INFORMATION
Superworld Electronics (S) Pte Ltd
16 New Industrial Road
#06-01 to 08 Hudson TechnoCentre
Singapore 536204
Tel : (65) 6298 2866
Fax : (65) 6298 8900
Email : sales@superworld.com.sg
Refer to Low Power Application Note 1 for additional Performance Curves & Data



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com