Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW124D12SMF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SW124D12SMF
Description  0.75W Single & Dual Surface Mount DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW124D12SMF Datasheet(HTML) 1 Page - Superworld Electronics

  SW124D12SMF Datasheet HTML 1Page - Superworld Electronics SW124D12SMF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SW1 SM Series Product Datasheet
www.superworld.com.sg
1 of 2
SUPERWORLD ELECTRONICS
FEATURES
•
Low Cost, High Performance
•
Industry standard 14-pin SMD package
•
Single & Dual Isolated Outputs
•
Operating Temp Range –40
oC to 85oC
•
1 Year Warranty
•
Internal Input and Output Filtering
DESCRIPTION
The SW1 SM Series is packaged in an industry
standard SMD package, making it very suitable
for high volume production. The package (19.9
x 13.5 x 9.5 mm) is fully encapsulated in a non-
flammable plastic case (meeting UL 94V-0)
and is designed to meet EN60950 and UL1950
safety standards
. As outputs are fully isolated
from the input, a variety of grounding and
polarity configurations are available.
SW1 SM PRODUCT RANGE
Model
Vin (nom)
(Vdc)
Vout
(Vdc)
Iout
(mA)
Iin (rated load)
(mA)
Eff.
(%)
SW105S05SMF
5
5
150
217
69
SW105S12SMF
5
12
62
213
70
SW105S15SMF
5
15
50
211
71
SW105D05SMF
5
±
5
±
75
221
68
SW105D12SMF
5
±
12
±
30
219
68
SW105D15SMF
5
±
15
±
25
200
75
SW112S05SMF
12
5
150
81
77
SW112S12SMF
12
12
62
81
77
SW112S15SMF
12
15
50
81
77
SW112D05SMF
12
±
5
±
75
88
71
SW112D12SMF
12
±
12
±
30
84
74
SW112D15SMF
12
±
15
±
25
81
77
SW115S05SMF
15
5
150
72
69
SW115S12SMF
15
12
62
72
69
SW115S15SMF
15
15
50
72
69
SW115D05SMF
15
±
5
±
75
72
71
SW115D12SMF
15
±
12
±
30
64
74
SW115D15SMF
15
±
15
±
25
81
77
SW124S05SMF
24
5
150
47
69
SW124S12SMF
24
12
62
47
69
SW124S15SMF
24
15
50
45
69
SW124D05SMF
24
±
5
±
75
45
71
SW124D12SMF
24
±
12
±
30
46
74
SW124D15SMF
24
±
15
±
25
45
77
Pin
Function
(SINGLE)
Function
(DUAL)
1
+Vin
+Vin
2
-Vin
-Vin
3
NC
NC
4
NC
NC
5
-Vout
-Vout
6
NC
Common
7
+Vout
+Vout
8
NC
NC
9
NC
NC
10
NC
NC
11
NC
NC
13
NC
NC
14
NC
NC
MECHANICAL
SPECIFICATIONS
SW105S05SMF
SW1 SM Series – 0.75W Single & Dual
Surface Mount DC-DC Converter


Similar Part No. - SW124D12SMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW124D12EHISMF SUPERWORLD-SW124D12EHISMF Datasheet
158Kb / 2P
1W High Isolation 3kVdc Surface Mount DC-DC Converter
SW124D12ESMF SUPERWORLD-SW124D12ESMF Datasheet
152Kb / 2P
1W Single & Dual Surface Mount DC-DC Converter
SW124D12HIMSMF SUPERWORLD-SW124D12HIMSMF Datasheet
180Kb / 2P
0.75W High Isolation 3kVdc Surface Mount DC-DC Converter
SW124D12HISMF SUPERWORLD-SW124D12HISMF Datasheet
152Kb / 2P
1W High Isolation 3kVdc SMD 24-pin DIP DC-DC Converter
More results

Similar Description - SW124D12SMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW105S05ESMF SUPERWORLD-SW105S05ESMF Datasheet
152Kb / 2P
1W Single & Dual Surface Mount DC-DC Converter
SW105S05HIMSMF SUPERWORLD-SW105S05HIMSMF Datasheet
180Kb / 2P
0.75W High Isolation 3kVdc Surface Mount DC-DC Converter
STA03D03F SUPERWORLD-STA03D03F Datasheet
149Kb / 2P
1W Dual Output Surface Mount DC-DC Converter
STE03S03F SUPERWORLD-STE03S03F Datasheet
150Kb / 2P
1W Single Output Surface Mount DC-DC Converter
logo
Murata Power Solutions ...
CME MURATA-PS-CME Datasheet
361Kb / 11P
Isolated 0.75W Single Output Isolated DC/DC Converters
CMR MURATA-PS-CMR Datasheet
297Kb / 11P
Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
logo
MORNSUN Science& Techno...
IB0503XT-W75R3 MORNSUN-IB0503XT-W75R3 Datasheet
622Kb / 4P
0.75W isolated DC-DC converter with Fixed Input Voltage and Regulated Single Output
logo
GAPTEC Electronic GmbH ...
0.75S4A GAPTEC-0.75S4A Datasheet
1Mb / 3P
0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75S7A GAPTEC-0.75S7A Datasheet
1,015Kb / 5P
0.75W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.75T8A GAPTEC-0.75T8A Datasheet
1Mb / 3P
0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com