Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBC0806 Datasheet(PDF) 2 Page - Superworld Electronics

Part # TBC0806
Description  TOROIDAL INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

TBC0806 Datasheet(HTML) 2 Page - Superworld Electronics

  TBC0806 Datasheet HTML 1Page - Superworld Electronics TBC0806 Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. GENERAL SPECIFICATION :
TBC0806 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
19.06.2008
6. ELECTRICAL CHARACTERISTICS :
a) Temp. rise : 40°C Max. at Irms
b) Storage temp. : -40°C to +125°C
c) Operating temp. : -25°C to +105°C
Part No.
TBC0806-120M-26
TBC0806-120M-52
12.5
35
3.0
1.80
( A )
Irms
Inductance
DC Resistance
12.5
±20%
( uH )
Max.
35
( m
)
3.0
1.50
Isat
( A )
TOROIDAL INDUCTOR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com