Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCDRH104F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH104F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH104F Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH104F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.16.07
SPECIFICATIONS
Parts are only available in ±20% inductance tolerance.
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CTCDRH104F-1R0M
1.0
100
.014
8.50
CTCDRH104F-1R5M
1.5
100
.017
8.00
CTCDRH104F-2R2M
2.2
100
.024
7.50
CTCDRH104F-3R3M
3.3
100
.029
7.00
CTCDRH104F-4R7M
4.7
100
.032
6.00
CTCDRH104F-6R8M
6.8
100
.044
5.00
CTCDRH104F-100M
10
100
.050
2.40
CTCDRH104F-120M
12
100
.054
2.25
CTCDRH104F-150M
15
100
.069
2.00
CTCDRH104F-180M
18
100
.084
1.80
CTCDRH104F-220M
22
100
.094
1.65
CTCDRH104F-270M
27
100
0.11
1.45
CTCDRH104F-330M
33
100
0.15
1.35
CTCDRH104F-390M
39
100
0.17
1.20
CTCDRH104F-470M
47
100
0.21
1.10
CTCDRH104F-560M
56
100
0.23
1.00
CTCDRH104F-680M
68
100
0.29
0.93
CTCDRH104F-820M
82
100
0.36
0.84
CTCDRH104F-101M
100
100
0.41
0.76
CTCDRH104F-121M
120
100
0.45
0.70
CTCDRH104F-151M
150
100
0.64
0.63
CTCDRH104F-181M
180
100
0.84
0.57
CTCDRH104F-221M
220
100
0.86
0.52
CTCDRH104F-271M
270
100
1.07
0.47
CTCDRH104F-331M
330
100
1.37
0.43
CTCDRH104F-391M
390
100
1.55
0.39
CTCDRH104F-471M
470
100
1.74
0.36
CTCDRH104F
Series
From 1.0 µH to 470 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters
Inductance Tolerance: ±20%
Operating Temperature: -30°C to +100°C
Testing: Inductance is tested on an HP4285A at 100kHz
Packaging: Tape & Reel
Marking: Marked with inductance code
Rated DC: Maximum allowable DC current is that which causes a
25% inductance reduction from the initial value, or coil temperature
to rise by 40°C, whichever is smaller. (Reference ambient
temperature 25°C).
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
RECOMMENDED LAND PATTERN
2.5
Unit: mm
A
Inductance Code
C
B
XXX
D
E
S
F
F
Size
A
B
C
D
E
F
Max.
Max.
Max.
Typ.
Typ.
Typ.
mm
9.2
10.1
5.0
2.0
8.3
5.3
inches
0.362
0.398
0.197
0.079
0.327
0.209
RoHS
Compliant


Similar Part No. - CTCDRH104F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH104RF CT-CTCDRH104RF Datasheet
207Kb / 1P
Power Inductors - Shielded
CTCDRH104RF-100 CT-CTCDRH104RF-100 Datasheet
207Kb / 1P
Power Inductors - Shielded
CTCDRH104RF-101 CT-CTCDRH104RF-101 Datasheet
207Kb / 1P
Power Inductors - Shielded
CTCDRH104RF-150 CT-CTCDRH104RF-150 Datasheet
207Kb / 1P
Power Inductors - Shielded
CTCDRH104RF-151 CT-CTCDRH104RF-151 Datasheet
207Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH104F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com