Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCDRH64BF-331M Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH64BF-331M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH64BF-331M Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH64BF-331M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.14.06
SPECIFICATIONS
Part numbers indicate available inductance tolerance.
N = ±30%, M = ±20%
CTCDRH64BF Please specify “F” for RoHS Compliant
*Inductance drop =35% typ. at IDC
L Test
DCR
*IDC
Part
Inductance
Freq.
Max.
Min.
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CTCDRH64B_-2R9N
2.9
1.0
.047
1.80
CTCDRH64B_-3R3N
3.3
1.0
.050
1.75
CTCDRH64B_-4R0N
4.0
1.0
.060
1.65
CTCDRH64B_-4R7N
4.7
1.0
.065
1.55
CTCDRH64B_-5R5N
5.5
1.0
.070
1.45
CTCDRH64B_-100M
10
1.0
.120
1.40
CTCDRH64B_-120M
12
1.0
.130
1.20
CTCDRH64B_-150M
15
1.0
.180
1.10
CTCDRH64B_-180M
18
1.0
.240
1.00
CTCDRH64B_-220M
22
1.0
.270
.910
CTCDRH64B_-270M
27
1.0
.300
.820
CTCDRH64B_-330M
33
1.0
.330
.740
CTCDRH64B_-390M
39
1.0
.370
.690
CTCDRH64B_-470M
47
1.0
.520
.620
CTCDRH64B_-560M
56
1.0
.560
.580
CTCDRH64B_-680M
68
1.0
.630
.510
CTCDRH64B_-820M
82
1.0
.710
.460
CTCDRH64B_-101M
100
1.0
1.00
.420
CTCDRH64B_-121M
120
1.0
1.20
.380
CTCDRH64B_-151M
150
1.0
1.70
.350
CTCDRH64B_-181M
180
1.0
1.90
.320
CTCDRH64B_-221M
220
1.0
2.10
.290
CTCDRH64B_-271M
270
1.0
2.40
.260
CTCDRH64B_-331M
330
1.0
2.70
.230
CTCDRH64B_-391M
390
1.0
2.90
.220
CTCDRH64B_-471M
470
1.0
3.90
.200
CTCDRH64B_-561M
560
1.0
5.40
.180
CTCDRH64B_-681M
680
1.0
7.30
.170
CTCDRH64B_-821M
820
1.0
8.20
.150
CTCDRH64B_-102M
1000
1.0
9.30
.140
CTCDRH64B Series
From 2.9 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -30°C to +100°C
Inductance Tolerances: ±20%, ±30%
Testing: Tested on a HP4285A at 1.0 KHz , 1.0V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
Size
A
B
C
D
E
F
G
Max.
mm
6.2
6.6±0.3
5.9±0.3
4.5
1.5
4.6
6.6
inches
0.24
0.26±0.01
0.23±0.01
0.18
0.06
0.18
0.26
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTCDRH64BF-331M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH64BF CT-CTCDRH64BF Datasheet
293Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH64BF-331M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com