Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3902 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3902
Description  LOW POWER PWM SWITCH FOR OFF-LINE SMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3902 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3902 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LOW POWER PWM SWITCH FOR OFF-LINE SMPS
AP3902
Data Sheet
2
BCD Semiconductor Manufacturing Limited
Sep. 2008 Rev. 1.0
Pin Configuration
Figure 2. Pin Configuration of AP3902 (Top View)
P Package
(
VA
VCC
VS
B
GND
NC
C
C
8
7
6
5
1
2
3
4
Pin Description
Pin Number
Pin Name
Function
1VA
This pin is used for short circuit protection, and it will be pulled to low level when
short circuit happens at the load terminal
2,
VS
It is used for line voltage compensation, and PWM uses this pin to terminate the out-
put switch conduction
3
VCC
The power supply of the IC and it is also used for the feedback control
4
B
It is internally connected with the base terminal of internal NPN transistor
5, 6
C
It is internally connected with the collector terminal of internal NPN transistor
7
NC
No connection to IC
8
GND
Supply ground
DIP-8)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com