Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTDA13AF Datasheet(PDF) 1 Page - Central Technologies

Part # CTDA13AF
Description  Power Inductors for Digital Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDA13AF Datasheet(HTML) 1 Page - Central Technologies

  CTDA13AF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors for Digital Amplifier
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.29.07
SPECIFICATIONS
Parts are available in ±20% tolerance only.
* Rated DC Current: Inductance drift is within -25% at the superposition
** Allowable Current: A rise in temp. of surface core within 40°C.
CTDA13AF Series
From 10 µH to 33 µH
Not shown at actual size.
CHARACTERISTICS
Description: Inductor for digital amplifier LPF
Applications: Suitable as choke coil for digital amplifier. Audio,
DVD 5.1ch home theater, AV amplifier, LCD, PDP. Usable as a
choke coil for power supplies, etc.
Features: Compact and low-profile. Output 85W. Magnetically
shielded structure and low DC resistance. High sound quality. Low
electromagnetic interface. Low resistance and high current.
Inductance Tolerance: ±20%
Testing: Tested on a HP4284A at 1.0 KHz
Packaging: Bulk
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
B
E
A
C
D
H
F
I
G
Size
A
B
C
D
E
F
Max.
Max.
mm
15.0
13.0±0.5
5.0±1.0
1.8±0.5
1.0
8.4±0.5
inches
0.59
0.51±0.02
0.2±0.039
0.071±0.02
0.039
0.33±0.02
PHYSICAL DIMENSIONS
RoHS
Compliant
L Test
DCR
*Rated DC
**Allowable
Part
Inductance
Freq.
Max.
Current
DC Current
Number
(µH ±20%)
(KHz)
(m
Ω
Ω)
(A)
(A)
CTDA13AF-100M
10
1.0
5.4
6.0
8.0
CTDA13AF-150M
15
1.0
6.8
5.0
7.5
CTDA13AF-220M
22
1.0
8.1
4.2
7.0
CTDA13AF-270M
27
1.0
13.5
3.8
5.6
CTDA13AF-330M
33
1.0
14.7
3.4
5.3
L(µH)
G
I
H
10
6.4
3.3
0.5/0.33
15
8.4
4.0
0.5
22
8.4
4.8
0.5
27
8.4
4.0
0.33
33
8.4
4.8
0.33
Tolerance: ±0.5mm


Similar Part No. - CTDA13AF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDA14AF CT-CTDA14AF Datasheet
466Kb / 1P
Power Inductors for Digital Amplifier
CTDA14AF-100M CT-CTDA14AF-100M Datasheet
466Kb / 1P
Power Inductors for Digital Amplifier
CTDA14AF-150M CT-CTDA14AF-150M Datasheet
466Kb / 1P
Power Inductors for Digital Amplifier
CTDA14AF-220M CT-CTDA14AF-220M Datasheet
466Kb / 1P
Power Inductors for Digital Amplifier
CTDA14AF-330M CT-CTDA14AF-330M Datasheet
466Kb / 1P
Power Inductors for Digital Amplifier
More results

Similar Description - CTDA13AF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RDY TOKO-8RDY Datasheet
90Kb / 1P
Fixed Inductors for Digital Audio Amplifier
11RHBP TOKO-11RHBP Datasheet
142Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAMW TOKO-DAMW Datasheet
90Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DASL1620 TOKO-DASL1620 Datasheet
106Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAW TOKO-DAW Datasheet
65Kb / 1P
Fixed Inductors for Digital Audio Amplifier
EAW30S TOKO-EAW30S Datasheet
103Kb / 1P
Fixed Inductors for Digital Audio Amplifier
logo
Central Technologies
CTDA14AF CT-CTDA14AF Datasheet
466Kb / 1P
Power Inductors for Digital Amplifier
logo
TOKO, Inc
DAEPWL TOKO-DAEPWL Datasheet
54Kb / 1P
Fixed Inductors for Digital Audio Amplifier
EAS30S TOKO-EAS30S Datasheet
78Kb / 1P
Fixed Inductors for Digital Audio Amplifier
HEAW TOKO-HEAW_16 Datasheet
226Kb / 1P
Inductors for Automotive Digital Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com