Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST13003N Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST13003N
Description  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13003N Datasheet(HTML) 3 Page - STMicroelectronics

  ST13003N Datasheet HTML 1Page - STMicroelectronics ST13003N Datasheet HTML 2Page - STMicroelectronics ST13003N Datasheet HTML 3Page - STMicroelectronics ST13003N Datasheet HTML 4Page - STMicroelectronics ST13003N Datasheet HTML 5Page - STMicroelectronics ST13003N Datasheet HTML 6Page - STMicroelectronics ST13003N Datasheet HTML 7Page - STMicroelectronics ST13003N Datasheet HTML 8Page - STMicroelectronics ST13003N Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ST13003N
Electrical characteristics
Doc ID 15759 Rev 1
3/9
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
2.1
Electrical characteristics (curves)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 700 V
VCE = 700 V
TC = 125 °C
1
5
mA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 9 V
1
mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤ 1.5%
Collector-emitter sustaining
voltage (IB = 0)
IC = 10 mA
400
V
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = 0.5 A
IB = 125 mA
IC = 1 A
IB = 330 mA
0.7
1.2
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 0.5 A
IB = 125 mA
IC = 1 A
IB = 330 mA
1.2
1.3
V
V
hFE
DC current gain
IC = 0.5 A,
VCE = 2 V
IC = 1 A
VCE = 10 V
6
5
18
15
ts
tf
Inductive Load
Storage time
Fall time
IC = 0.4 A _ Vclamp = 300 V
IB(on) = -IB(off) = 80 mA
VBB(off) = - 5 V
Figure 8
2.5
180
µs
ns
Figure 2.
Derating curve
Figure 3.
DC current gain (VCE = 3 V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com