Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCR73F-331M Datasheet(PDF) 1 Page - Central Technologies

Part # CTCR73F-331M
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCR73F-331M Datasheet(HTML) 1 Page - Central Technologies

  CTCR73F-331M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.11.08
SPECIFICATIONS
Parts are only available in ±20% inductance tolerance.
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(_Hz)
(
Ω
Ω)
(A)
CTCR73F-100M
10
2.52M
0.08
1.44
CTCR73F-120M
12
2.52M
0.09
1.39
CTCR73F-150M
15
2.52M
0.1
1.24
CTCR73F-180M
18
2.52M
0.11
1.12
CTCR73F-220M
22
2.52M
0.13
1.07
CTCR73F-270M
27
2.52M
0.15
0.94
CTCR73F-330M
33
2.52M
0.17
0.85
CTCR73F-390M
39
2.52M
0.22
0.74
CTCR73F-470M
47
2.52M
0.25
0.68
CTCR73F-560M
56
2.52M
0.28
0.64
CTCR73F-680M
68
2.52M
0.33
0.59
CTCR73F-820M
82
2.52M
0.41
0.54
CTCR73F-101M
100
1.0k
0.48
0.51
CTCR73F-121M
120
1.0k
0.54
0.49
CTCR73F-151M
150
1.0k
0.75
0.40
CTCR73F-181M
180
1.0k
1.02
0.36
CTCR73F-221M
220
1.0k
1.2
0.31
CTCR73F-271M
270
1.0k
1.31
0.29
CTCR73F-331M
330
1.0k
1.5
0.28
CTCR73F Series
From 10 µH to 330 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters
Operating Temperature: -40°C to +100°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A or HP4285A at
specified frequency
Packaging: Tape & Reel
Marking: Marked with inductance code
Rated DC: This indicates the value of current when the
inductance is 10% lower than its initial value at D.C.
superimposition or D.C. current when at
ΔT=40°C, whichever is
lower.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
RECOMMENDED LAND PATTERN
5.5
(0.217)
8.0
(0.315)
2.0 (0.079)
A
D
Marking: Inductance Code
G
E
F
1
2
4
3
C
B
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
7.3
8.1
4.5
4.7
4.3
7.8
2.4
inches
0.287
0.319
0.177
0.185
0.169
0.307
0.094
RoHS
Compliant


Similar Part No. - CTCR73F-331M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR75F CT-CTCR75F Datasheet
179Kb / 1P
Power Inductors - Unshielded
CTCR75F-100M CT-CTCR75F-100M Datasheet
179Kb / 1P
Power Inductors - Unshielded
CTCR75F-101M CT-CTCR75F-101M Datasheet
179Kb / 1P
Power Inductors - Unshielded
CTCR75F-120M CT-CTCR75F-120M Datasheet
179Kb / 1P
Power Inductors - Unshielded
CTCR75F-121M CT-CTCR75F-121M Datasheet
179Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTCR73F-331M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com