Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z2K301-RJ-10 Datasheet(PDF) 4 Page - Superworld Electronics

Part # Z2K301-RJ-10
Description  FERRITE CHIP BEADS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z2K301-RJ-10 Datasheet(HTML) 4 Page - Superworld Electronics

  Z2K301-RJ-10 Datasheet HTML 1Page - Superworld Electronics Z2K301-RJ-10 Datasheet HTML 2Page - Superworld Electronics Z2K301-RJ-10 Datasheet HTML 3Page - Superworld Electronics Z2K301-RJ-10 Datasheet HTML 4Page - Superworld Electronics Z2K301-RJ-10 Datasheet HTML 5Page - Superworld Electronics Z2K301-RJ-10 Datasheet HTML 6Page - Superworld Electronics Z2K301-RJ-10 Datasheet HTML 7Page - Superworld Electronics Z2K301-RJ-10 Datasheet HTML 8Page - Superworld Electronics Z2K301-RJ-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
21.05.2008
FERRITE CHIP BEADS
Z2 SERIES
8. RELIABILITY & TEST CONDITION :
Time (sec)
Force (Kfg)
Size
not be damaged by the forces applied on the
The terminal electrode & the dielectric must
right conditions.
right conditions.
Flexture Strength
100(3.937)
45(1.772) 45(1.772)
40(1.575)
Bending
Solder a chip on a test substrate, bend the substrate
by 2mm (0.079in) and return.
7
W
20(.787)
8
4
5
6
W
1
3
2
1.5
2.0
> 25
1.0
1.0
1.0
0.2
0.6
0.5
More than 90% of the terminal electrode
should be covered with solder.
245°C
150°C
not be damaged by the forces applied on the
The terminal electrode & the dielectric must
260°C
150°C
30°C max. ( t)
Impedance change : Within ±30%
Appearance : No significant abnormality
Refer to standard electrical characteristics list
Terminal Strength
Solderability
Rated Current
Temperature Rise Test
Solder Heat Resistance
Impedance
DC Resistance
Electrical Characteristics Test
ITEM
10±0.5
seconds
cooling
Dip Time : 10±0.5sec.
Solder : Sn-Ag3.0-Cu0.5
Flux for lead free : rosin
Dip Time : 4±1sec.
Preheat : 150°C, 60sec.
Solder Temperature : 245±5°C
For Z Series :
Dipping
Preheating
Natural
4±1.0
seconds
cooling
60
seconds
60
seconds
HP4338B
HP4291A, HP4287A+16092A
1. Applied the allowed DC current.
Solder Temperature : 260±5°C
Solder : Sn-Ag3.0-Cu0.5
Preheat : 150°C, 60sec.
Flux for lead free : rosin
2. Temperature measured by digital surface thermometer.
Natural
Preheating Dipping
PERFORMANCE
TEST CONDITION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com