Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z4K301-RJ-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # Z4K301-RJ-10
Description  FERRITE CHIP BEADS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z4K301-RJ-10 Datasheet(HTML) 6 Page - Superworld Electronics

  Z4K301-RJ-10 Datasheet HTML 1Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 2Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 3Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 4Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 5Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 6Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 7Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 8Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
04.07.2008
FERRITE CHIP BEADS
Z4 SERIES
9. SOLDERING AND MOUNTING :
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
a) Preheat circuit and products to 150°C.
b) 350°C tip temperature (max)
c) Never contact the ceramic with the iron tip
a soldering iron must be employed the following precautions are recommended.
Figure 1. Re-flow Soldering
Time(sec.)
60~150s
20~40s
Soldering
480s max.
60~180s
150
25
TP(260°C/10s max.)
217
200
Preheating
Note :
Within 10s
Gradual
Cooling
Over 2min.
Gradual
Cooling
cooling
Natural
Over 1min.
Figure 3. Hand Soldering
Preheating
350
150
330
3s
(max.)
10s
(max.)
Soldering
Figure 2. Wave Soldering
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 3 secs.
d) 1.0mm tip diameter (max)
cooling
Natural
cooling
150
245
260
Soldering
Preheating
Natural
4.40
products, wave soldering of large size products is discouraged. Recommended temperature profile for wave soldering
seen by the circuit when immersed in the molten solder wave, typical at 230°C. Due to the risk of thermal damage to
Wave soldering is perhaps the most rigorous of surface mount soldering processes due to the steep rise in temperature
9-1. Recommended PC Board Pattern
9-2.3 Soldering Iron (Figure 3) :
9-2.1 Lead Free Solder Re-flow :
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
by the difference in coefficients of expansion between solder, chip and substrate. The terminations are suitable for all
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
Recommended temperature profiles for re-flow soldering in Figure 1.
is shown in Fig. 2
9-2.2 Solder Wave :
air soldering tools.
9-2. Soldering
2.20
under mechanical stress as warping the board.
the mechanical stress to prevent failure.
Products shall be positioned in the sideway direction against
PC board should be designed so that products are not sufficient



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com