Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-5423V9 Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part # CSS-5423V9
Description  0.54 Inch Dual Digit Alphanumeric Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-5423V9 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSS-5423V9 Datasheet HTML 1Page - China Semiconductor Corporation CSS-5423V9 Datasheet HTML 2Page - China Semiconductor Corporation CSS-5423V9 Datasheet HTML 3Page - China Semiconductor Corporation CSS-5423V9 Datasheet HTML 4Page - China Semiconductor Corporation CSS-5423V9 Datasheet HTML 5Page - China Semiconductor Corporation CSS-5423V9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
0.54 Inch Dual Digit Alphanumeric Display
Emitting Color Super-Bright Orange
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-8623888
Fax:886-2-2223-9377
Fax:86-0575-8623112
CUSTOMER APPROVED
SIGNATURES
http://www.csctw.com.tw
APPROVED BY
CHECKED BY
PS-ND-0712
A
Model No CSD-5422V9/CSS-5423V9
PREPARED BY


Similar Part No. - CSS-5423V9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSS-543D ETC1-CSS-543D Datasheet
613Kb / 4P
NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
CSS-543E ETC1-CSS-543E Datasheet
613Kb / 4P
NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
CSS-543EG ETC1-CSS-543EG Datasheet
613Kb / 4P
NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
CSS-543G ETC1-CSS-543G Datasheet
613Kb / 4P
NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
CSS-543H ETC1-CSS-543H Datasheet
613Kb / 4P
NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
More results

Similar Description - CSS-5423V9

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PDA54-12EWA KINGBRIGHT-PDA54-12EWA Datasheet
130Kb / 4P
13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12SRWA KINGBRIGHT-PDA54-12SRWA Datasheet
128Kb / 4P
13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12GWA KINGBRIGHT-PDC54-12GWA Datasheet
130Kb / 4P
13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
logo
China Semiconductor Cor...
CSD-5422A9 CHINASEMI-CSD-5422A9 Datasheet
176Kb / 5P
0.54 Inch Dual Digit Alphanumeric Display
CSD-5422B7 CHINASEMI-CSD-5422B7 Datasheet
176Kb / 5P
0.54 Inch Dual Digit Alphanumeric Display
CSD-5422E CHINASEMI-CSD-5422E Datasheet
176Kb / 5P
0.54 Inch Dual Digit Alphanumeric Display
CSD-5422G CHINASEMI-CSD-5422G Datasheet
176Kb / 5P
0.54 Inch Dual Digit Alphanumeric Display
CSD-5422M9 CHINASEMI-CSD-5422M9 Datasheet
176Kb / 5P
0.54 Inch Dual Digit Alphanumeric Display
CSD-5422S CHINASEMI-CSD-5422S Datasheet
199Kb / 6P
0.54 Inch Dual Digit Alphanumeric Display
CSD-5422T9 CHINASEMI-CSD-5422T9 Datasheet
201Kb / 6P
0.54 Inch Dual Digit Alphanumeric Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com