Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC827ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC827ADBLE
Description  10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC827ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC827ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC827ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC827ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC827ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC827ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC827ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC827ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC827ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC827ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
DB, DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE1
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
VCC
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
OE2
DESCRIPTION/ORDERING INFORMATION
SN74LVC827A
10-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS306J – MARCH 1993 – REVISED FEBRUARY 2005
•
Operates From 1.65 V to 3.6 V
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 6.7 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This 10-bit buffer/bus driver is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC827A provides a high-performance bus interface for wide data paths or buses carrying parity.
The 3-state control gate is a 2-input AND gate with active-low inputs so that, if either output-enable (OE1 or OE2)
input is high, all ten outputs are in the high-impedance state. The SN74LVC827A provides true data at its
outputs.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
SN74LVC827ADW
SOIC – DW
LVC827A
Reel of 2000
SN74LVC827ADWR
SOP – NS
Reel of 2000
SN74LVC827ANSR
LVC827A
SSOP – DB
Reel of 2000
SN74LVC827ADBR
LC827A
–40
°C to 85°C
Tube of 60
SN74LVC827APW
TSSOP – PW
Reel of 2000
SN74LVC827APWR
LC827A
Reel of 250
SN74LVC827APWT
TVSOP – DGV
Reel of 2000
SN74LVC827ADGVR
LC827A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC827ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC827ADBLE TI1-SN74LVC827ADBLE Datasheet
923Kb / 23P
SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
More results

Similar Description - SN74LVC827ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI-SN74LVC828A Datasheet
126Kb / 8P
10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT29828B TI1-SN64BCT29828B Datasheet
85Kb / 5P
10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
10-BIT BUFFER WITH 3-STATE OUTPUTS
SN74LVC827A TI1-SN74LVC827A_16 Datasheet
923Kb / 23P
SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
SN74LVC828A TI1-SN74LVC828A_15 Datasheet
622Kb / 16P
10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com