Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32PC Datasheet(PDF) 3 Page - Motorola, Inc

Part # AM26LS32PC
Description  QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AM26LS32PC Datasheet(HTML) 3 Page - Motorola, Inc

  AM26LS32PC Datasheet HTML 1Page - Motorola, Inc AM26LS32PC Datasheet HTML 2Page - Motorola, Inc AM26LS32PC Datasheet HTML 3Page - Motorola, Inc AM26LS32PC Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AM26LS32
3
MOTOROLA ANALOG IC DEVICE DATA
SWITCHING CHARACTERISTICS (VCC = 5.0 V and TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Propagation Delay Time – DIfferential Inputs to Output
(Output High to Low)
(Output Low to High)
tPHL(D)
tPLH(D)
–
–
–
–
30
30
ns
Propagation Delay Time – Three–State Control to Output
(Output Low to Third State)
(Output High to Third State)
(Output Third State to High)
(Output Third State to Low)
tPLZ
tPHZ
tPZH
tPZL
–
–
–
–
–
–
–
–
35
35
30
30
ns
Figure 1. Switching Test Circuit and Wave for Propagation Delay Differential Input to Output
– 2.5 V
VOL
Output
+ 2.0 V
0 V
3–State Control
CL = 15 pF
(Includes Probe
and Stray
Capacitance)
1.3 V
1.3 V
0 V
tPHL(D)
0 V
VOH
tPLH(D)
0 V
Input
+ 2.5 V
–
+
Differential
Inputs
51
Pulse
Generator
To Scope
(Input)
To Scope
(Output)
Input Pulse Characteristics
tTLH – tTHL – 6.0 ns (10% to 90%)
PRR – 1.0 MHz, 50% Duty Cycle
To Scope
(Output)
5.0 k
+
–
Differential
Inputs
3–State
Control
2.0 V
51
SW2
+ 5.0 V
2.0 k
SW1
Pulse
Generator
To Scope
(Input)
+ 1.5 V for tPHZ and tPZH
– 1.5 V for tPLZ and tPZL
All Diodes 1N916 or
Equivalent
Input Pulse Characteristics
tTLH – tTHL – 6.0 ns (10% to 90%)
PRR – 1.0 MHz, 50% Duty Cycle
CL
15 pF
(Includes
Probe and Stray
Capacitance)
tPHZ
0 V
[ 5.0 V – VBE
VOL
3.0 V
Input
Output
[ 1.3 V
tPZL
3.0 V
1.5 V
SW1 Closed
SW2 Closed
SW1 Closed
SW2 Closed
0 V
Input
Output
tPZL
SW1 Closed
SW2 Open
1.5 V
1.5 V
0.5 V
tPHZ
SW1 Open
SW2 Closed
0 V
1.5 V
tPZH
1.5 V
tPZH
Input
3.0 V
0 V
VOH
Output
0 V
1.5 V
Output
Input
0 V
tPLZ
VOH
VOL
[ 1.3 V
3.0 V
0.5 V
0 V
0 V
tPLZ
Figure 2. Propagation Delay Three–State Control Input to Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com