Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLR-N55FSW4-B0 Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part # CSLR-N55FSW4-B0
Description  LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-N55FSW4-B0 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSLR-N55FSW4-B0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
■LED Type
: Lighting LED Lamp
■LED Package : Round LED Lamp
■Emitting Color:White
■Viewing Angle:110°
■No Stopper
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-88623888
Fax:886-2-2223-9377
Fax:86-0575-88623112
CUSTOMER
APPROVED
SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
http://www.csctw.com.tw
PS-LL-N55FSW4-B0
A
Model No:
:
:
:CSLR-N55FSW4-B0


Similar Part No. - CSLR-N55FSW4-B0

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSLR-N55FSW4-A0 CHINASEMI-CSLR-N55FSW4-A0 Datasheet
281Kb / 6P
LED
More results

Similar Description - CSLR-N55FSW4-B0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com