Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALN0195AT Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN0195AT
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0195AT Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN0195AT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0195AT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0195AT Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN0195AT Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
November 2008
plerowTM ALN0195AT
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-23.4
-17.7
21.1
0.08
0.971
17.9
30.2
50
4.6
-22.7
-17.3
21.1
0.08
0.974
18.2
30.9
53
4.7
-22.4
-16.9
21.2
0.08
0.978
18.5
31.6
56
4.8
-21.3
-16.7
21.2
0.09
0.981
18.8
32.3
59
4.9
-21.3
-16.7
21.3
0.09
0.983
19
33.1
62
5.0
-21.2
-16.5
21.3
0.08
0.985
19.2
33.9
65
5.1
-20.9
-16.5
21.3
0.08
0.987
19.4
34.7
68
5.2
-20.6
-16.4
21.3
0.08
0.991
19.6
35.5
71
5.3
-20.5
-16.4
21.3
0.06
0.993
19.7
36.7
74
5.4
-20.3
-16.3
21.4
0.07
0.996
19.9
36.5
76
5.5
-20.4
-16.3
21.4
0.08
0.998
19.9
36.5
79
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
°C
-19.4
-15.7
21.5
0.12
0.754
18.8
33.3
61
- 20
°C
-19.9
-15.6
21.4
0.08
0.842
18.3
32
62
0
°C
-20.5
-16
21.4
0.08
0.913
18
32
64
25
°C
-21.1
-16.6
21.3
0.09
0.98
19.1
33.4
65
40
°C
-21.8
-16.9
21.2
0.07
1.021
18.9
33.4
65
60
°C
-22.6
-17.7
21.1
0.07
1.053
18.7
34.1
66
80
°C
-23.6
-18.4
21
0.08
1.077
18.3
33.8
65
100
°C
-24.7
-19.4
20.9
0.07
1.102
18
33.9
63
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com