Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLR-N505SW4-B0 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSLR-N505SW4-B0
Description  LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-N505SW4-B0 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSLR-N505SW4-B0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-N505SW4-B0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-N505SW4-B0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-N505SW4-B0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-N505SW4-B0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-N505SW4-B0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Part No.
Code
min.
max.
R
2300
3000
S
3000
3900
T
3900
5100
U
5100
6600
V
6600
8600
Part No.
Code
min.
max.
H
2.8
3.0
J
3.0
3.2
K
3.2
3.4
L
3.4
3.6
M
3.6
3.8
Notes:
1. Tolerance of measurement of luminous intensity
:±15%
2. Tolerance of measurement of Color Coordinates
:±0.01
3. Tolerance of measurement of forward voltage
:±0.05v
4. All data are measured by CSC's test equipment.
5. One delivery will include several color rank, VF rank and Iv ranks of the products.
6. The quantity-ratio of the ranks is decided by CSC.
7.
Please confirm with CSC salesman,if your request different form standard specification.
Page:
3/5
■
■
■
■ Forward Voltage Rank Limits ( IF = 20mA )
CSLR-N505SW4-B0
A
■
■
■
■ Color Rank Limits ( IF = 20mA )
unit:mcd
■
■
■
■ Luminous Intensity Rank Limits ( IF = 20mA )
CSLR-N505SW4-B0
PS-LL-N505SW4-B0
unit:v
http://www.csctw.com.tw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com