Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTFP3 Datasheet(PDF) 1 Page - Central Technologies

Part # CTFP3
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTFP3 Datasheet(HTML) 1 Page - Central Technologies

  CTFP3 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.23.05
Size
A
B
C
D
E
mm
7.4±0.3
6.7±0.3
See
1.27±0.15
3.0±0.5
inches
0.291±0.01
0.264±0.01
Ordering Info
0.05±0.006
0.118±0.02
PHYSICAL DIMENSIONS
A
XXX
yyww
Date Code
Inductance
Code
Epoxy
C
D
E
B
SPECIFICATIONS
Parts numbers indicate tolerance available.
M = ±20%, N = ±30%
CTFP3F Please specify “F” for RoHS compliant.
*Irate DC current rating at 40°C temperature rise(typical)
**Imax DC current rating at 80°C temperatre rise(typical)
DCR
Height
Part
Inductance
*Irate
∆∆L/L0
**Imax
Max.
C
Number
(µH)
(A)
@Irate
(A)
(m
Ω
Ω)
(mm)
CTFP3_-R10N
.10
25.5
≤20%
32
1.5
3.4±0.3
CTFP3_-R22N
.22
22.0
≤25%
28
2.0
3.5±0.3
CTFP3_-R39N
.39
19.0
≤30%
23
23
3.5±0.3
CTFP3_-R62M
.62
11.0
≤25%
15
9.7
3.2±0.3
CTFP3_-1R0M
1.0
10.5
≤30%
13.5
11.0
3.3±0.3
CTFP3_-1R3M
1.3
9.5
≤30%
12
12.2
3.3±0.3
CTFP3 Series
From .10 µH to 1.3 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD low profile high current inductors
Applications: Excellent for power line DC/DC conversion
applications used in notebook computers and other handheld
equipment.
Operating Temperature: -25°C to +125°C
Inductance Tolerance: ±20%, ±30%
Testing: Inductance and Q tested on an HP4285A at 100kHz,
250mV.
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant available.
Marking: Parts are marked with inductance code & date code
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
4.0
Unit: mm
2.5
3.8
2.5
RoHS
Compliant
Available


Similar Part No. - CTFP3

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
CTF BLOCKMASTER-ELECTRONICS-CTF Datasheet
165Kb / 1P
This specification applies to – CTMXX0P7 - Header
6/11/2017
CTF BLOCKMASTER-ELECTRONICS-CTF Datasheet
163Kb / 1P
This specification applies to – CTMXX0P8 - Header
6/11/2017
CTF BLOCKMASTER-ELECTRONICS-CTF Datasheet
164Kb / 1P
This specification applies to – CTMXX0P9 - Header
6/11/2017
CTF BLOCKMASTER-ELECTRONICS-CTF Datasheet
162Kb / 1P
This specification applies to – CTMXX0PT - Header
6/11/2017
CTF BLOCKMASTER-ELECTRONICS-CTF Datasheet
167Kb / 1P
This specification applies to – CTMXX9P7 - Header
6/11/2017
More results

Similar Description - CTFP3

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com