Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTGS54 Datasheet(PDF) 1 Page - Central Technologies

Part # CTGS54
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTGS54 Datasheet(HTML) 1 Page - Central Technologies

  CTGS54 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
10.19.05
SPECIFICATIONS
Part numbers indicate tolerance available.
K = ±10%, L = ±15%, M = ±20%
CTGS54F Please specify “F” for RoHS Compliant
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(_Hz)
(
Ω
Ω)
(A)
CTGS54_-1R0M
1.0
7.96M
.015
5.9
CTGS54_-1R2M
1.2
7.96M
.020
5.2
CTGS54_-1R5M
1.5
7.96M
.025
4.7
CTGS54_-1R8M
1.8
7.96M
.030
4.0
CTGS54_-2R2M
2.2
7.96M
.035
3.8
CTGS54_-2R7M
2.7
7.96M
.040
3.4
CTGS54_-3R3M
3.3
7.96M
.045
3.3
CTGS54_-3R9M
3.9
7.96M
.050
2.9
CTGS54_-4R7M
4.7
7.96M
.060
2.8
CTGS54_-5R6M
5.6
7.96M
.070
2.4
CTGS54_-6R8M
6.8
7.96M
.080
2.1
CTGS54_-8R2M
8.2
7.96M
.090
2.0
CTGS54_-100M
10
2.52M
.10
1.4
CTGS54_-120M
12
2.52M
.12
1.4
CTGS54_-150M
15
2.52M
.14
1.3
CTGS54_-180M
18
2.52M
.15
1.2
CTGS54_-220M
22
2.52M
.18
1.1
CTGS54_-270M
27
2.52M
.20
.97
CTGS54_-330L
33
2.52M
.23
.88
CTGS54_-390L
39
2.52M
.32
.80
CTGS54_-470L
47
2.52M
.37
.72
CTGS54_-560K
56
2.52M
.42
.68
CTGS54_-680K
68
2.52M
.46
.61
CTGS54_-820K
82
2.52M
.60
.58
CTGS54_-101K
100
1.0k
.70
.52
CTGS54_-121K
120
1.0k
.93
.48
CTGS54_-151K
150
1.0k
1.1
.40
CTGS54_-181K
180
1.0k
1.4
.38
CTGS54_-221K
220
1.0k
1.6
.35
CTGS54 Series
From 1.0 µH to 220 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±10%, ±15%, ±20%
Testing: Inductance is tested on an HP4284A or HP4285A at
specified frequency
Packaging: Tape & Reel
Marking: Marked with inductance code
Rated DC: The value of current when the inductance is 10%
lower than its initial value at 0 Adc or D.C. current when at
ΔT = 40°C whichever is lower
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
PAD LAYOUT
BC
D
A
Marking
Size
A
B
C
D
Typ.
mm
5.8±0.3
5.2±0.3
4.5±0.4
1.3
inches
0.23±0.012
0.21±0.012
0.18±0.016
0.051
ENGINEERING KIT #7
RoHS
Compliant
Available


Similar Part No. - CTGS54

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTGS54F CT-CTGS54F Datasheet
153Kb / 1P
Power Inductors - Unshielded
CTGS54F-100K CT-CTGS54F-100K Datasheet
153Kb / 1P
Power Inductors - Unshielded
CTGS54F-100L CT-CTGS54F-100L Datasheet
153Kb / 1P
Power Inductors - Unshielded
CTGS54F-100M CT-CTGS54F-100M Datasheet
153Kb / 1P
Power Inductors - Unshielded
CTGS54F-101K CT-CTGS54F-101K Datasheet
153Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTGS54

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com