Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75140 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75140
Description  DUAL LINE RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75140 Datasheet(HTML) 1 Page - Texas Instruments

  SN75140 Datasheet HTML 1Page - Texas Instruments SN75140 Datasheet HTML 2Page - Texas Instruments SN75140 Datasheet HTML 3Page - Texas Instruments SN75140 Datasheet HTML 4Page - Texas Instruments SN75140 Datasheet HTML 5Page - Texas Instruments SN75140 Datasheet HTML 6Page - Texas Instruments SN75140 Datasheet HTML 7Page - Texas Instruments SN75140 Datasheet HTML 8Page - Texas Instruments SN75140 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN75140
DUAL LINE RECEIVER
SLLS080C – JANUARY 1977 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single 5-V Supply
D ±100-mV Sensitivity
D For Application as:
– Single-Ended Line Receiver
– Gated Oscillator
– Level Comparator
D Adjustable Reference Voltage
D TTL Outputs
D TTL-Compatible Strobe
D Designed for Party-Line (Data-Bus)
Applications
D Common Reference-Voltage Pin
D Common Strobe
description
This device consists of a dual single-ended line receiver with TTL-compatible strobes and outputs. The
reference voltage (switching threshold) is applied externally and can be adjusted from 1.5 V to 3.5 V, making
it possible to optimize noise immunity for a given system design. Due to the low input current (less than 100
µA),
the device is suited ideally for party-line (data-bus) systems.
The SN75140 has a common reference-voltage pin and a common strobe.
The SN75140 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each receiver)
LINE INPUT
STROBE
OUTPUT
≤ Vref – 100 mV
L
H
≥ Vref + 100 mV
X
L
X
H
L
H = high level, L = low level, X = irrelevant
logic symbol‡
2
COMSTRB
‡ This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
3
1LINE
1OUT
1
≥1
5
2LINE
2OUT
7
≥1
6
COMREF
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
1OUT
COMSTRB
1LINE
GND
VCC
2OUT
COMREF
2LINE
P OR PS† PACKAGE
(TOP VIEW)
† The PS package is only available
left-ended taped and reeled (order
SN75140 PSR).


Similar Part No. - SN75140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75140 TI1-SN75140 Datasheet
718Kb / 18P
DUAL LINE RECEIVER
SN75140 TI2-SN75140 Datasheet
422Kb / 16P
DUAL LINE RECEIVER
REVISED APRIL 1998
SN75140D TI1-SN75140D Datasheet
718Kb / 18P
DUAL LINE RECEIVER
SN75140DR TI1-SN75140DR Datasheet
718Kb / 18P
DUAL LINE RECEIVER
SN75140JG TI1-SN75140JG Datasheet
718Kb / 18P
DUAL LINE RECEIVER
More results

Similar Description - SN75140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
Dual Line Receiver
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
Dual Line Receiver
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
Dual Line Receiver
logo
Texas Instruments
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
DUAL LINE RECEIVER
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
Dual Line Receiver
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
Dual Line Receiver
February 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com