Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTH8RF Datasheet(PDF) 1 Page - Central Technologies

Part # CTH8RF
Description  Power Line Chokes - Radial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTH8RF Datasheet(HTML) 1 Page - Central Technologies

  CTH8RF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Line Chokes - Radial
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.24.08
Size
A
B
C
D
Max.
Max.
Min.
mm
23.3
11.9
7.62±0.5
20.32
inches
0.92
0.47
0.30±0.020
0.80
PHYSICAL DIMENSIONS
A
CTH8RF
-XXXX
B
C
D
SPECIFICATIONS
Parts are marked to indicate tolerance available.
K = ±10%
L Test
SRF
DCR
Saturation
Wire Dia.
Rated
Part
Inductance
Freq.
Min.
Max.
DC
Ref.
AC
Number
(µH)
(kHz)
(MHz)
(
Ω
Ω)
(A)
(mm)
(A)
CTH8RF-3R9K
3.9
1.0
34
.01
15
1.2
4.0
CTH8RF-4R7K
4.7
1.0
31
.01
14
1.2
4.0
CTH8RF-5R6K
5.6
1.0
29
.01
12
1.0
4.0
CTH8RF-6R8K
6.8
1.0
26
.01
11
.90
4.0
CTH8RF-8R2K
8.2
1.0
23
.01
9.9
.90
4.0
CTH8RF-100K
10
1.0
20
.02
8.7
.80
4.0
CTH8RF-120K
12
1.0
17
.02
8.2
.80
4.0
CTH8RF-150K
15
1.0
14
.02
7.3
.90
4.0
CTH8RF-180K
18
1.0
11
.02
6.6
.80
4.0
CTH8RF-220K
22
1.0
10
.03
6.1
.80
4.0
CTH8RF-270K
27
1.0
9.0
.03
5.3
.80
4.0
CTH8RF-330K
33
1.0
9.0
.03
4.8
.80
4.0
CTH8RF-390K
39
1.0
8.0
.03
4.3
.80
4.0
CTH8RF-470K
47
1.0
7.0
.04
4.0
.80
4.0
CTH8RF-560K
56
1.0
6.0
.04
3.6
.80
3.2
CTH8RF-680K
68
1.0
5.0
.05
3.3
.80
2.5
CTH8RF-820K
82
1.0
4.0
.06
3.1
.75
2.0
CTH8RF-101K
100
1.0
3.0
.09
2.8
.65
1.6
CTH8RF-121K
120
1.0
3.0
.11
2.5
.65
1.6
CTH8RF-151K
150
1.0
3.0
.13
2.2
.65
1.6
CTH8RF-181K
180
1.0
2.0
.15
2.0
.60
1.6
CTH8RF-221K
220
1.0
2.0
.16
1.9
.60
1.6
CTH8RF-271K
270
1.0
2.0
.21
1.6
.55
1.6
CTH8RF-331K
330
1.0
2.0
.21
1.5
.55
1.6
CTH8RF-391K
390
1.0
2.0
.28
1.4
.50
1.6
CTH8RF-471K
470
1.0
1.0
.38
1.2
.50
1.2
CTH8RF-561K
560
1.0
1.0
.42
1.2
.45
1.0
CTH8RF-681K
680
1.0
1.0
.55
1.0
.45
1.0
CTH8RF-821K
820
1.0
1.0
.66
.97
.40
.80
CTH8RF-102K
1000
1.0
1.0
.84
.87
.40
.80
CTH8RF-122K
1200
1.0
1.0
1.0
.79
.40
.60
CTH8RF-152K
1500
1.0
.75
1.2
.70
.37
.60
CTH8RF-182K
1800
1.0
.72
1.6
.64
.32
.60
CTH8RF-222K
2200
1.0
.70
2.0
.58
.30
.50
CTH8RF-272K
2700
1.0
.65
2.1
.53
.30
.40
CTH8RF-332K
3300
1.0
.60
2.6
.47
.30
.40
CTH8RF-392K
3900
1.0
.55
2.8
.43
.29
.40
CTH8RF-472K
4700
1.0
.50
3.2
.39
.30
.40
CTH8RF-562K
5600
1.0
.40
3.9
.36
.30
.32
CTH8RF-682K
6800
1.0
.35
5.7
.32
.25
.25
CTH8RF-822K
8200
1.0
.30
6.3
.29
.25
.25
CTH8RF-103K
10000
1.0
.30
7.3
.26
.22
.25
CTH8RF-123K
12000
1.0
.30
10
.26
.22
.16
CTH8RF-153K
15000
1.0
.30
11
.23
.20
.16
CTH8RF-183K
18000
1.0
.20
15
.21
.20
.13
CTH8RF-223K
22000
1.0
.20
17
.19
.18
.13
CTH8RF-273K
27000
1.0
.15
19
.17
.17
.13
CTH8RF-333K
33000
1.0
.15
27
.15
.16
.10
CTH8RF-393K
39000
1.0
.15
29
.14
.16
.10
CTH8RF-473K
47000
1.0
.10
32
.13
.16
.10
CTH8RF-563K
56000
1.0
.10
43
.12
.16
.08
CTH8RF-683K
68000
1.0
.10
47
.11
.14
.08
CTH8RF-823K
82000
1.0
.10
65
.10
.14
.07
CTH8RF-104K
100000
1.0
.10
72
.10
.13
.07
CTH8RF Series
From 3.9 µH to 100,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Radial leaded power line inductor (UL sleeved)
Applications: Used in switching regulators, power amplifiers,
power supplies, SCR and Triac controls, speaker crossover
networks, RFI suppression and filters. Various applications
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±10%
Testing: Inductance is tested on an HP4284A at 1.0 kHz
Packaging: Bulk pack
Marking: Coils are sleeved in heat resistant polyolefin and
labeled with the part number
Saturation Current: Lowers inductance by 5%
Bobbin: High saturation, allows for high inductance with low
DC resistance
Miscellaneous: RoHS Compliant. Higher current parts available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTH8RF

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTH8003PS-T52 CTMICRO-CTH8003PS-T52 Datasheet
768Kb / 11P
P-Channel Enhancement MOSFET
logo
PANDUIT CORP.
CTH87U22-C30 PANDUIT-CTH87U22-C30 Datasheet
112Kb / 1P
Corrugated Tubing Holder with Push Mount
logo
Central Technologies
CTH8F CT-CTH8F Datasheet
176Kb / 1P
Power Line Chokes - Axial
CTH8F-100K CT-CTH8F-100K Datasheet
176Kb / 1P
Power Line Chokes - Axial
CTH8F-101K CT-CTH8F-101K Datasheet
176Kb / 1P
Power Line Chokes - Axial
More results

Similar Description - CTH8RF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTH7RF CT-CTH7RF Datasheet
176Kb / 1P
Power Line Chokes - Radial
logo
EPCOS
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
Power line chokes
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1256 RENCO-RL-1256 Datasheet
1Mb / 13P
RADIAL LEADED POWER LINE CHOKES
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
POWER LINE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com