Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75146 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75146
Description  DUAL DIFFERENTIAL LINE RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75146 Datasheet(HTML) 1 Page - Texas Instruments

  SN75146 Datasheet HTML 1Page - Texas Instruments SN75146 Datasheet HTML 2Page - Texas Instruments SN75146 Datasheet HTML 3Page - Texas Instruments SN75146 Datasheet HTML 4Page - Texas Instruments SN75146 Datasheet HTML 5Page - Texas Instruments SN75146 Datasheet HTML 6Page - Texas Instruments SN75146 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN75146
DUAL DIFFERENTIAL LINE RECEIVER
SLLS015B – FEBRUARY 1986 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI EIA / TIA-422-B and -423-B
D Meets or Exceeds the Requirements of
ANSI EIA / TIA-232-E and ITU
Recommendation V.28 With External
Components
D Meets Federal Standards 1020 and 1030
D Built-in 5-MHz Low-Pass Filter
D Operates From Single 5-V Power Supply
D Wide Common-Mode Voltage Range
D High Input Impedance
D TTL-Compatible Outputs
D 8-Pin Dual-in-Line Package
D Pinout Compatible With the µA9637 and
µA9639
description
The SN75146 is a dual differential line receiver designed to meet ANSI Standards EIA / TIA-422-B and -423-B.
The receiver is designed to have a constant impedance with input voltages of
±3 V to ±25 V allowing it to meet
the requirements of EIA / TIA-232-E and ITU recommendation V.28 with the addition of an external bias resistor.
This receiver is designed for low-speed operation below 355 kHz and has a built-in 5-MHz low-pass filter to
attenuate high-frequency noise. The inputs are compatible with either a single-ended or a differential line
system and the outputs are TTL compatible. This device operates from a single 5-V power supply and is
supplied in both the 8-pin dual-in-line and small-outline packages.
The SN75146 is characterized for operation from 0
°C to 70°C.
logic symbol†
5
6
7
8
2IN –
2IN +
1IN –
1IN +
2OUT
1OUT
3
2
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
logic diagram
2OUT
1OUT
5
6
7
8
2IN –
2IN +
1IN –
1IN +
3
2
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
VCC
1OUT
2OUT
GND
1IN +
1IN –
2IN +
2IN –
D OR P PACKAGE
(TOP VIEW)
THE SN75146 IS NOT RECOMMENDED
FOR NEW DESIGNS.


Similar Part No. - SN75146

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
DUAL LINE RECEIVER
SN75140 TI1-SN75140 Datasheet
718Kb / 18P
DUAL LINE RECEIVER
SN75140 TI2-SN75140 Datasheet
422Kb / 16P
DUAL LINE RECEIVER
REVISED APRIL 1998
SN75140D TI1-SN75140D Datasheet
718Kb / 18P
DUAL LINE RECEIVER
SN75140DR TI1-SN75140DR Datasheet
718Kb / 18P
DUAL LINE RECEIVER
More results

Similar Description - SN75146

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
Dual Differential Line Receiver
logo
Texas Instruments
SN75157 TI-SN75157 Datasheet
95Kb / 6P
DUAL DIFFERENTIAL LINE RECEIVER
UA9637AC TI-UA9637AC Datasheet
277Kb / 12P
DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9639 NSC-DS9639 Datasheet
122Kb / 6P
Dual Differential Line Receiver
DS55115 NSC-DS55115 Datasheet
178Kb / 6P
Dual Differential Line Receiver
DS9637A NSC-DS9637A_07 Datasheet
310Kb / 8P
Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
Dual Differential Line Receiver
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com