Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTGS104F-331K Datasheet(PDF) 1 Page - Central Technologies

Part # CTGS104F-331K
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTGS104F-331K Datasheet(HTML) 1 Page - Central Technologies

  CTGS104F-331K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
PAD LAYOUT
Size
A
B
C
D
Typ.
mm
10±0.3
9±0.3
4.2±0.5
2.1
inches
0.39±0.012
0.35±0.012
0.17±0.020
0.083
SPECIFICATIONS
Part numbers indicate available tolerance
K = ±10%, M = ±20%
CTGS104F Please specify “F” for RoHS Compliant
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(_Hz)
(
Ω
Ω)
(A)
CTGS104_-100M
10
2.52M
0.05
2.38
CTGS104_-120M
12
2.52M
0.06
2.13
CTGS104_-150M
15
2.52M
0.07
1.87
CTGS104_-180M
18
2.52M
0.08
1.73
CTGS104_-220M
22
2.52M
0.09
1.60
CTGS104_-270M
27
2.52M
0.10
1.44
CTGS104_-330M
33
2.52M
0.12
1.26
CTGS104_-390M
39
2.52M
0.15
1.20
CTGS104_-470M
47
2.52M
0.17
1.10
CTGS104_-560K
56
2.52M
0.20
1.01
CTGS104_-680K
68
2.52M
0.22
0.91
CTGS104_-820K
82
2.52M
0.25
0.85
CTGS104_-101K
100
1.0k
0.34
0.74
CTGS104_-121K
120
1.0k
0.40
0.69
CTGS104_-151K
150
1.0k
0.54
0.61
CTGS104_-181K
180
1.0k
0.62
0.56
CTGS104_-221K
220
1.0k
0.72
0.53
CTGS104_-271K
270
1.0k
0.95
0.45
CTGS104_-331K
330
1.0k
1.10
0.42
CTGS104_-391K
390
1.0k
1.24
0.38
CTGS104_-471K
470
1.0k
1.53
0.35
CTGS104_-561K
560
1.0k
1.90
0.32
CTGS104 Series
From 10 µH to 560 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4284A or HP4285A at
specified frequency
Packaging: Tape & Reel
Marking: Marked with inductance code
Rated DC: The value of current when the inductance is 10%
lower than its initial value at 0 Adc or D.C. current when at
∆T = 40°C whichever is lower
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTGS104F-331K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTGS104F CT-CTGS104F Datasheet
324Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTGS104F-331K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com