Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75155 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75155
Description  LINE DRIVER AND RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75155 Datasheet(HTML) 1 Page - Texas Instruments

  SN75155 Datasheet HTML 1Page - Texas Instruments SN75155 Datasheet HTML 2Page - Texas Instruments SN75155 Datasheet HTML 3Page - Texas Instruments SN75155 Datasheet HTML 4Page - Texas Instruments SN75155 Datasheet HTML 5Page - Texas Instruments SN75155 Datasheet HTML 6Page - Texas Instruments SN75155 Datasheet HTML 7Page - Texas Instruments SN75155 Datasheet HTML 8Page - Texas Instruments SN75155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN75155
LINE DRIVER AND RECEIVER
SLLS017C – JULY 1986 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI EIA/TIA-232-E and ITU
Recommendation V.28
D 10-mA Current Limited Output
D Wide Range of Supply Voltage
VCC = 4.5 V to 15 V
D Low Power... 130 mW
D Built-In 5-V Regulator
D Response Control Provides:
Input Threshold Shifting
Input Noise Filtering
D Power-Off Output Resistance... 300 Ω Typ
D Driver Input TTL Compatible
description
The SN75155 monolithic line driver and receiver is designed to satisfy the requirements of the standard
interface between data terminal equipment and data communication equipment as defined by ANSI
EIA/TIA-232-E. A response control input is provided for the receiver. A resistor or a resistor and a bias voltage
can be connected between the response control input and ground to provide noise filtering. The driver used is
similar to the SN75188. The receiver used is similar to the SN75189A.
The SN75155 is characterized for operation from 0
°C to 70°C.
logic symbol†
RESP
RTC
RA
DA
6
5
2
RY
DY
3
7
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12
logic diagram
4
GND
RTC
RA
DA
VCC +
VCC –
5
2
6
8
1
3
7
RY
DY
Regulator
Reference
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
VCC–
DA
RY
GND
VCC+
DY
RTC
RA
D OR P PACKAGE
TOP VIEW


Similar Part No. - SN75155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75155 TI1-SN75155 Datasheet
479Kb / 17P
LINE DRIVER AND RECEIVER
SN75155 TI2-SN75155 Datasheet
519Kb / 19P
LINE DRIVER AND RECEIVER
REVISED MAY 1995
SN75155D TI1-SN75155D Datasheet
479Kb / 17P
LINE DRIVER AND RECEIVER
SN75155D TI2-SN75155D Datasheet
519Kb / 19P
LINE DRIVER AND RECEIVER
REVISED MAY 1995
SN75155DE4 TI1-SN75155DE4 Datasheet
479Kb / 17P
LINE DRIVER AND RECEIVER
More results

Similar Description - SN75155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN751701 TI-SN751701 Datasheet
237Kb / 14P
LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
Multipoint-LVDS Line Driver and Receiver
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
Differential Line Driver and Receiver Pair
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com