Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTHP1210F-R30M Datasheet(PDF) 1 Page - Central Technologies

Part # CTHP1210F-R30M
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTHP1210F-R30M Datasheet(HTML) 1 Page - Central Technologies

  CTHP1210F-R30M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.06.07
SPECIFICATIONS
Parts are available in ±20% tolerance only.
* Inductance drop by approximate 30% at Rated DC Current.
L Test
DCR
Part
Inductance
Freq.
Max.
IDC
Number
(µH ±20%)
(kHz)
(m
Ω
Ω)
(A)
CTHP1210F-R22M
0.22
300
0.442
40.5
CTHP1210F-R30M
0.30
300
0.442
31.8
CTHP1210F-R57M
0.57
300
0.819
33.4
CTHP1210F-R87M
0.87
300
1.794
31.0
CTHP1210F-1R0M
1.0
300
1.794
25.4
CTHP1210F-1R7M
1.7
300
2.34
22.2
CTHP1210F-2R3M
2.3
300
2.34
16.7
CTHP1210F-3R6M
3.6
300
4.16
13.4
CTHP1210F-5R1M
5.1
300
7.02
11.2
CTHP1210F-7R8M
7.8
300
7.20
6.70
CTHP1210F-100M
10
300
7.56
5.30
CTHP1210F Series
From .22 µH to 10 µH
Not shown at actual size.
CHARACTERISTICS
PAD LAYOUT
Description: SMD unshielded power inductor
Applications: Designed for high current, low voltage applications.
Low DCR, high efficiency. Next generation microprocessors, High
current DC-DC converters, Computers, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 300 KHz , 0.25V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
1
2
AC
BD
E
F
XXX
Marking:
Inductance Code
Unit: mm
4.0
4.0
7.2
6.0
Size
A
B
C
D
E
F
Max.
Ref.
Max.
Typ.
Typ.
Typ.
mm
13.0
14.0
11.5
6.0
2.2
3.0
inches
0.51
0.55
0.45
0.23
0.08
0.11
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTHP1210F-R30M

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
List of Unclassifed Man...
CTH ETC-CTH Datasheet
98Kb / 1P
CHIP TYPE FEED THROUGH CAPACITORS
logo
M-System Co.,Ltd.
CTH-5 MSYSTEM-CTH-5 Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTH-50A MSYSTEM-CTH-50A Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTH-50A/Q MSYSTEM-CTH-50A/Q Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - CTHP1210F-R30M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com