Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTHRF Datasheet(PDF) 1 Page - Central Technologies

Part # CTHRF
Description  High Current Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTHRF Datasheet(HTML) 1 Page - Central Technologies

  CTHRF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Current Inductors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.20.05
Part #
A
B
C
D
Max.
Max.
Max.
Max.
CTHR3F-50K
0.875
0.600
0.500
0.042
CTHR3F-100K
1.125
0.625
0.687
0.042
CTHR3F-270K
0.875
0.800
0.437
0.042
CTHR3F-500K
0.875
0.800
0.750
0.042
CTHR3F-101K
1.125
0.800
0.937
0.042
CTHR3F-151K
1.375
0.800
1.062
0.042
CTHR3F-251K
1.625
0.800
1.312
0.042
CTHR5F-50K
0.875
0.625
0.750
0.058
CTHR5F-100K
1.125
0.625
1.000
0.058
CTHR5F-270K
0.875
0.840
0.562
0.058
CTHR5F-500K
1.125
0.840
0.750
0.058
CTHR5F-680K
1.125
0.860
0.875
0.058
CTHR5F-101K
1.375
0.860
1.000
0.058
CTHR5F-151K
1.625
0.860
1.250
0.058
CTHR10F-50K
1.125
0.635
0.812
0.065
CTHR10F-100K
1.375
0.635
1.218
0.065
CTHR10F-270K
1.125
0.935
0.687
0.065
CTHR10F-500K
1.375
0.935
0.937
0.065
CTHR10F-680K
1.375
0.935
1.125
0.065
CTHR10F-101K
1.625
0.935
1.312
0.065
CTHR15F-50K
1.375
0.700
0.937
0.082
CTHR15F-100K
1.687
0.700
1.50
0.082
CTHR15F-270K
1.375
1.000
0.937
0.082
CTHR15F-500K
1.625
1.000
1.125
0.082
SPECIFICATIONS
DCR
Part
Inductance
Max.
Rated
Incr
Number
(µH)
(
Ω
Ω)
(A)
(A)
CTHR3F-50K
5.0
0.015
10.0
25
CTHR3F-100K
10
0.018
9.0
19
CTHR3F-270K
27
0.035
7.0
12
CTHR3F-500K
50
0.050
5.6
8.0
CTHR3F-101K
100
0.065
5.2
6.0
CTHR3F-151K
150
0.075
5.0
5.0
CTHR3F-251K
250
0.090
5.0
4.0
CTHR5F-50K
5.0
0.012
14.0
25
CTHR5F-100K
10
0.015
12.0
19
CTHR5F-270K
27
0.025
9.0
13
CTHR5F-500K
50
0.030
8.0
10
CTHR5F-680K
68
0.035
7.5
9.0
CTHR5F-101K
100
0.050
7.5
7.0
CTHR5F-151K
150
0.060
7.0
5.0
CTHR10F-50K
5.0
0.010
19.0
25
CTHR10F-100K
10
0.012
16.0
19
CTHR10F-270K
27
0.018
12.5
12
CTHR10F-500K
50
0.025
11.0
10
CTHR10F-680K
68
0.027
10.0
8.0
CTHR10F-101K
100
0.030
10.0
7.0
CTHR15F-50K
5.0
0.008
24.0
25
CTHR15F-100K
10
0.010
20.0
19
CTHR15F-270K
27
0.015
16.0
14
CTHR15F-500K
50
0.020
15.0
10
CTHRF Series
From 5 µH to 250 µH
Not shown at actual size.
CHARACTERISTICS
Description: High current filter inductor.
Applications: Noise filtering for switching regulators, power
amplifiers, power supplies, and SCR and Triac control circuits.
Operating Temperature: -55°C to +125°C (no load)
-55°C to +75°C (at full rated current).
Inductance Tolerance: K = ±10%
Inductance: Measured at 1.0 volt with zero DC current.
Packaging: Bulk pack.
Testing: Inductance is tested on an HP4262A at 1.0 kHz.
Sleeving: Flame retardant polyolefin UL type VW-1 per MIL-I-
23053/5, marked with inductance and tolerance.
Additional Information: Additional electrical & physical
information available upon request
Miscellaneous: RoHS Compliant.
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTHRF

ManufacturerPart #DatasheetDescription
logo
General Devices Company...
CTHRD GENERALDEVICES-CTHRD Datasheet
255Kb / 2P
Optional Mounting Brackets
CTHRS GENERALDEVICES-CTHRS Datasheet
255Kb / 2P
Optional Mounting Brackets
More results

Similar Description - CTHRF

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-20451 RHOMBUS-IND-L-20451 Datasheet
35Kb / 1P
High Current Inductors
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
logo
ice Components, Ins.
LP05 ICE-LP05_08 Datasheet
148Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08_08 Datasheet
181Kb / 1P
SMT High Current Inductors
logo
Bourns Electronic Solut...
2216-H BOURNS-2216-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2217-V BOURNS-2217-V Datasheet
111Kb / 1P
High Current Toroid Inductors
logo
TALEMA Group. LLC
HB-035-1150 TALEMA-HB-035-1150 Datasheet
332Kb / 3P
High Current Inductors
logo
Bel Fuse Inc.
HCTI-10-20.0 BEL-HCTI-10-20.0 Datasheet
500Kb / 1P
High Current Toroidal Inductors
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
High Current Inductors
09-Dec-2020
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A_V01 Datasheet
316Kb / 5P
High Current Inductors
09-Dec-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com