Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTIHLP72F-R22M Datasheet(PDF) 1 Page - Central Technologies

Part # CTIHLP72F-R22M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTIHLP72F-R22M Datasheet(HTML) 1 Page - Central Technologies

  CTIHLP72F-R22M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.01.07
SPECIFICATIONS
Parts are only available ±20% inductance tolerance only
L Test
*Irms
**Isat
DCR
Part
Inductance
Freq.
Typ.
Typ.
Max.
Number
(µH)
(KHz)
(A)
(A)
(m
Ω
Ω)
CTIHLP72F-R22M
.22
100
14
26
5.7
CTIHLP72F-R33M
.33
100
12
18
7.0
CTIHLP72F-R47M
.47
100
11
18
9.3
CTIHLP72F-R68M
.68
100
9
17
13.9
CTIHLP72F-1R0M
1.0
100
7
14
18
CTIHLP72F-1R5M
1.5
100
4
12
34
CTIHLP72F-2R2M
2.2
100
5
9
46
CTIHLP72F-3R3M
3.3
100
3.25
7
60
CTIHLP72F-4R7M
4.7
100
3
5
78
CTIHLP72F Series
From .22 µH to 4.7 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: PDA, Notebook, Desktop, Server applications. High
current POL converters. Low profile, high current power supplies.
Battery powered devices. DC/DC converters in distributed power
systems. DC/DC converter for Field Programmable Gate Array
(FPGA).
Operating Temperature: -55°C to +125°C
Storage Temperature: -55°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 100KHz, 0.25V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
RECOMMENDED LAND PATTERN
D
A
E
G
H
F
B
C
Marking: Inductance Code
7.4 Typ.
3.4 Typ.
3.7 Typ.
RoHS
Compliant
Size
A
B
C
D
E
F
G
H
Max.
Max.
Max.
Max.
mm
7.8
6.86±0.5
7.0
6.47±0.5
2.0
1.8
1.6±0.5
2.1±0.5
inches 0.31
0.27±0.02
0.28
0.25±0.02
0.079
0.071
0.063±0.02
0.083±0.02
*Irms will cause the coil temp. rise approximately
ΔT=40°C without core loss.
**Isat will cause L0 to drop approximately 20% typ.


Similar Part No. - CTIHLP72F-R22M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTIHLP73F CT-CTIHLP73F Datasheet
181Kb / 1P
Power Inductors - Shielded
CTIHLP73F-100M CT-CTIHLP73F-100M Datasheet
181Kb / 1P
Power Inductors - Shielded
CTIHLP73F-1R0M CT-CTIHLP73F-1R0M Datasheet
181Kb / 1P
Power Inductors - Shielded
CTIHLP73F-1R5M CT-CTIHLP73F-1R5M Datasheet
181Kb / 1P
Power Inductors - Shielded
CTIHLP73F-2R2M CT-CTIHLP73F-2R2M Datasheet
181Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTIHLP72F-R22M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com