Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTIHLP73F-R47M Datasheet(PDF) 1 Page - Central Technologies

Part # CTIHLP73F-R47M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTIHLP73F-R47M Datasheet(HTML) 1 Page - Central Technologies

  CTIHLP73F-R47M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive & Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.16.08
SPECIFICATIONS
Parts are only available ±20% inductance tolerance only
L Test
DCR
*Irms
**Isat
Part
Inductance
Freq.
Max.
Typ.
Typ.
Number
(µH)
(kHz)
(m
Ω
Ω)
(A)
(A)
CTIHLP73F-R15M
.15
100
2.5
26
38
CTIHLP73F-R22M
.22
100
2.8
23
36
CTIHLP73F-R33M
.33
100
3.9
20
30
CTIHLP73F-R47M
.47
100
4.2
17.5
26
CTIHLP73F-R68M
.68
100
5.5
15.5
23
CTIHLP73F-R82M
.82
100
8.0
13
20
CTIHLP73F-1R0M
1.0
100
10
11
16
CTIHLP73F-1R5M
1.5
100
15
9.0
14
CTIHLP73F-2R2M
2.2
100
20
8.0
12
CTIHLP73F-3R3M
3.3
100
30
6.0
10
CTIHLP73F-4R7M
4.7
100
40
5.5
6.5
CTIHLP73F-6R8M
6.8
100
60
4.5
6.0
CTIHLP73F-8R2M
8.2
100
68
4.0
5.5
CTIHLP73F-100M
10
100
105
3.0
4.5
CTIHLP73F Series
From .15 µH to 10 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: PDA, Notebook, Desktop, Server applications. High
current POL converters. Low profile, high current power supplies.
Battery powered devices. DC/DC converters in distributed power
systems. DC/DC converter for Field Programmable Gate Array
(FPGA).
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 100 kHz,
1.0VDC
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
RECOMMENDED LAND PATTERN
A
B
C
D
E
F
G
H
Marking:
Inductance code
8.7Ref.
3.5Ref.
3.7
Ref.
Unit: mm
RoHS
Compliant
*Irms will cause the coil temp. rise approximately
ΔT=40°C without core loss.
**Isat will cause L0 to drop approximately 20% typ.
Size
A
B
C
D
E
F
G
H
Max.
Max.
Max.
mm 6.47±0.5
7.8
6.86±0.5
7.0
2.1±0.5
1.6±0.5
3.0
3.2
inches 0.25±0.02
0.31
0.27±0.02
0.28
0.08±0.02
0.06±0.02
0.12
0.13


Similar Part No. - CTIHLP73F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTIHLP73VCZF CT-CTIHLP73VCZF Datasheet
462Kb / 1P
Power Inductors - Shielded
CTIHLP73VCZF-1R0M CT-CTIHLP73VCZF-1R0M Datasheet
462Kb / 1P
Power Inductors - Shielded
CTIHLP73VCZF-1R5M CT-CTIHLP73VCZF-1R5M Datasheet
462Kb / 1P
Power Inductors - Shielded
CTIHLP73VCZF-2R2M CT-CTIHLP73VCZF-2R2M Datasheet
462Kb / 1P
Power Inductors - Shielded
CTIHLP73VCZF-3R3M CT-CTIHLP73VCZF-3R3M Datasheet
462Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTIHLP73F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com