Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTIHLP104F-R36M Datasheet(PDF) 1 Page - Central Technologies

Part # CTIHLP104F-R36M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTIHLP104F-R36M Datasheet(HTML) 1 Page - Central Technologies

  CTIHLP104F-R36M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
09.16.08
SPECIFICATIONS
Parts are only available ±20% inductance tolerance only
L Test
*Irms
**Isat
DCR
Part
Inductance
Freq.
Typ.
Typ.
Max.
Number
(µH)
(KHz)
(A)
(A)
(m
Ω
Ω)
CTIHLP104F-R36M
0.36
100
34
42
1.2
CTIHLP104F-R45M
0.45
100
33
38
1.2
CTIHLP104F-R47M
0.47
100
33
38
1.2
CTIHLP104F-R50M
0.50
100
27
32
1.55
CTIHLP104F-R56M
0.56
100
27
32
1.55
CTIHLP104F-R68M
0.68
100
27
30
1.55
CTIHLP104F-R88M
0.88
100
20
27
3.1
CTIHLP104F-1R0M
1.00
100
20
26
3.1
CTIHLP104F-2R5M
2.50
100
13
13
6.8
CTIHLP104F Series
From .36 µH to 2.5 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: High density DC/DC converters. POL converters.
High current VRM/VRD for notebooks, Servers, and desktop
CPUs. High speed chargers.
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 100KHz, 0.5V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
RECOMMENDED LAND PATTERN
A
B
D
C
XXX
Marking: Inductance Code
4.0
9.5
3.5
Unit: mm
RoHS
Compliant
*Irms DC current (A) will cause an approximately
ΔT of 40°C.
**Isat DC current (A) will cause L0 to drop approximately 20%.
Size
A
B
C
D
Max.
Max.
Typ.
mm
10.1±0.3
11.6
4.0
3.0
inches
0.39±0.01
0.46
0.15
0.12


Similar Part No. - CTIHLP104F-R36M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTIHLP104SF CT-CTIHLP104SF Datasheet
451Kb / 1P
Power Inductors - Shielded
CTIHLP104SF-2R2M CT-CTIHLP104SF-2R2M Datasheet
451Kb / 1P
Power Inductors - Shielded
CTIHLP104SF-3R3M CT-CTIHLP104SF-3R3M Datasheet
451Kb / 1P
Power Inductors - Shielded
CTIHLP104SF-4R7M CT-CTIHLP104SF-4R7M Datasheet
451Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTIHLP104F-R36M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com