Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75172 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75172
Description  QUADRUPLE DIFFRENTIAL LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75172 Datasheet(HTML) 1 Page - Texas Instruments

  SN75172 Datasheet HTML 1Page - Texas Instruments SN75172 Datasheet HTML 2Page - Texas Instruments SN75172 Datasheet HTML 3Page - Texas Instruments SN75172 Datasheet HTML 4Page - Texas Instruments SN75172 Datasheet HTML 5Page - Texas Instruments SN75172 Datasheet HTML 6Page - Texas Instruments SN75172 Datasheet HTML 7Page - Texas Instruments SN75172 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN75172
QUADRUPLE DIFFRENTIAL LINE DRIVER
SLLS038B – OCTOBER 1980 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI Standards EIA/TIA-422-B and RS-485
and ITU Recommendation V.11
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D 3-State Outputs
D Common-Mode Output Voltage Range of
– 7 V to 12 V
D Active-High and Active-Low Enables
D Thermal Shutdown Protection
D Positive- and Negative-Current Limiting
D Operates From Single 5-V Supply
D Logically Interchangeable With AM26LS31
description
The
SN75172
is
a
monolithic
quadruple
differential line driver with 3-state outputs. It is
designed to meet the requirements of ANSI
Standards EIA/TIA-422-B and RS-485 and ITU
Recommendation V.11. The device is optimized
for balanced multipoint bus transmission at rates
of up to 4 megabaud. Each driver features wide
positive and negative common-mode output
voltage ranges, making it suitable for party-line
applications in noisy environments.
The SN75172 provides positive- and negative-current limiting and thermal shutdown for protection from line
fault conditions on the transmission bus line. Shutdown occurs at a junction temperature of approximately
150
°C. This device offers optimum performance when used with the SN75173 or SN75175 quadruple
differential line receivers.
The SN75172 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUT
ENABLES
OUTPUTS
INPUT
A
G
G
Y
Z
H
H
X
H
L
L
H
XL
H
H
X
LH
L
L
X
LL
H
X
L
H
Z
Z
H = high level, L = low level, X = irrelevant,
Z = high impedance (off)
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1A
1Y
NC
1Z
G
2Z
NC
2Y
2A
GND
VCC
4A
4Y
NC
4Z
G
3Z
NC
3Y
3A
DW PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN75172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75172 TI1-SN75172 Datasheet
1Mb / 16P
QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DW TI1-SN75172DW Datasheet
1Mb / 16P
QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DWG4 TI1-SN75172DWG4 Datasheet
1Mb / 16P
QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DWR TI1-SN75172DWR Datasheet
1Mb / 16P
QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DWRE4 TI1-SN75172DWRE4 Datasheet
1Mb / 16P
QUADRUPLE DIFFRENTIAL LINE DRIVER
More results

Similar Description - SN75172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
QUADRUPLE LINE DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
QUADRUPLE LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C32 TI-AM26C32_09 Datasheet
841Kb / 20P
QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26LS31C TI-AM26LS31C_09 Datasheet
813Kb / 21P
QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
QUADRUPLE LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
QUADRUPLE DIFFRENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com